Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6341A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6341A
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6341A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6341A Datasheet HTML 6Page - Intersil Corporation ISL6341A Datasheet HTML 7Page - Intersil Corporation ISL6341A Datasheet HTML 8Page - Intersil Corporation ISL6341A Datasheet HTML 9Page - Intersil Corporation ISL6341A Datasheet HTML 10Page - Intersil Corporation ISL6341A Datasheet HTML 11Page - Intersil Corporation ISL6341A Datasheet HTML 12Page - Intersil Corporation ISL6341A Datasheet HTML 13Page - Intersil Corporation ISL6341A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN6538.2
December 2, 2008
4ms during the sampling; that could discharge a pre-biased
output. Therefore, to avoid that case, but still come close to
disabling OCP, a resistor (>60k
Ω) is recommended.
Note that conditions during power-up may look different than
normal operation. For example, during power-up in a 12V
system, the IC starts operation just above 4V; if the supply
ramp is slow, the soft-start ramp might be over well before
12V is reached. So with lower gate drive voltages, the
rDS(ON) of the MOSFETs will be higher during power-up,
effectively lowering the OCP trip. In addition, the ripple
current will likely be different at lower input voltage.
Another factor is the digital nature of the soft-start ramp. On
each discrete voltage step, there is in effect a small load
transient and a current spike to charge the output capacitors.
The height of the current spike is not controlled; it is affected
by the step size of the output, the value of the output
capacitors, as well as the IC error amp compensation. So it
is possible to trip the overcurrent with in-rush current, in
addition to the normal load and ripple considerations.
OCP is always enabled during soft-start, so there is
protection starting up into a shorted load.
Undervoltage Protection
The output is protected against undervoltage conditions by
monitoring the VOS pin. An external resistor divider (similar
ratio to the one on the FB pin) makes the voltage equal the
0.8V internal reference under normal operation. If the output
goes too low (25% below 0.8V = 0.6V nominal on VOS), the
output will latch off, with UGATE and LGATE both forced low.
This requires toggling VCC (power-down and up) to restart
(toggling COMP/EN will NOT restart it). The UV protection is
not enabled until the end of the soft-start ramp (as shown in
Figure 2).
Figure 7 shows a case where VOUT (and thus VOS) is pulled
down to the 75% point; both gate drivers stop switching, and
the VOUT is pulled low by the disturbance, as well as the
load, at a rate determine by the conditions, and the output
components.
The ISL6341C version does not have UVP; it relies on the
OCP for shorted loads. The PGOOD UV comparator is
separate, and is still active.
Overvoltage Protection
The output is protected against overvoltage conditions by
monitoring the VOS pin, similar to undervoltage. If the output
goes too high (25% above 0.8V = 1.0V nominal on VOS), the
output will latch off. As shown in Figure 8, UGATE will be
forced low, but LGATE will be forced high (to try to pull-down
the output) until the output drops to 1/2 of the normal voltage
(50% of 0.8V = 0.4V nominal on VOS). The LGATE will then
shut off, but will keep turning back on whenever the output
goes too high again.
Overvoltage latch-off requires toggling VCC (power-down and
up) to restart (toggling COMP/EN will NOT restart it). The OV
protection is not enabled until the rising VCC POR trip point is
exceeded. The OV protection is active during soft-start at the
fixed 25% above the final expected voltage. The OVP is not
gated off by tripping OCP (but the UVP is gated off if OCP
trips first).
If the VOS pin is disconnected, a small bias current on-chip
will force an overvoltage condition.
FIGURE 7. UNDERVOLTAGE PROTECTION
UGATE (24V/DIV)
GND>
VOUT (0.25V/DIV)
LGATE (12V/DIV)
GND>
GND>
75%
FIGURE 8. OVERVOLTAGE PROTECTION
UGATE (24V/DIV)
GND>
VOUT (0.5V/DIV)
LGATE (12V/DIV)
GND>
GND>
125%
50%
ISL6341, ISL6341A, ISL6341B, ISL6341C


Similar Part No. - ISL6341A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6341A INTERSIL-ISL6341A Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341A RENESAS-ISL6341A Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6341ACRZ INTERSIL-ISL6341ACRZ Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341ACRZ RENESAS-ISL6341ACRZ Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6341A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com