Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL98012IUZ-TK Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL98012IUZ-TK
Description  1.8V Input PWM Step-Up Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98012IUZ-TK Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL98012IUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL98012IUZ-TK Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6654.0
October 15, 2008
ISL98012
Mini SO Package Family (MSOP)
1
(N/2)
(N/2)+1
N
PLANE
SEATING
N LEADS
0.10 C
PIN #1
I.D.
E1
E
b
DETAIL X
3¬¨¬®¬
GAUGE
PLANE
SEE DETAIL "X"
c
A
0.25
A2
A1
L
0.25
C A B
D
A
M
B
e
C
0.08
C A B
M
H
L1
MDP0043
MINI SO PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
NOTES
MSOP8
MSOP10
A1.10
1.10
Max.
-
A1
0.10
0.10
±0.05
-
A2
0.86
0.86
±0.09
-
b
0.33
0.23
+0.07/-0.08
-
c0.18
0.18
±0.05
-
D
3.00
3.00
±0.10
1, 3
E4.90
4.90
±0.15
-
E1
3.00
3.00
±0.10
2, 3
e0.65
0.50
Basic
-
L0.55
0.55
±0.15
-
L1
0.95
0.95
Basic
-
N
8
10
Reference
-
Rev. D 2/07
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are
not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.


Similar Part No. - ISL98012IUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98012IUZ-TK INTERSIL-ISL98012IUZ-TK Datasheet
656Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012IUZ-TK RENESAS-ISL98012IUZ-TK Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
More results

Similar Description - ISL98012IUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012_10 Datasheet
656Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
New Japan Radio
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
   1.8V Operate PWM control Step-Up / Flyback switching regulator IC
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_02 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com