Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9518AHRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9518AHRTZ
Description  Narrow VDC Regulator/Charger with SMBus Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9518AHRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9518AHRTZ Datasheet HTML 7Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 8Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 9Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 10Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 11Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 12Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 13Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 14Page - Intersil Corporation ISL9518AHRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN6775.0
December 8, 2008
Theory of Operation
Introduction
The ISL9518 differs from the ISL9518A only in the default
states of the internal registers at power-up. ISL9518 defaults
are for systems with an 8.4V (2-cell) battery and ISL9518A
defaults are for systems with a 12.6V battery (3-cell). Unless
otherwise noted, all specifications and descriptions of
ISL9518 refer to both the ISL9518 and ISL9518A.
A high efficiency synchronous buck converter is used to
control the system voltage up to 19.2V and charging current
up to 8A. The ISL9518 also has input current limiting up to
8.064A (or higher with lower values of sense resistor). The
Input current limit, charge current limit, minimum and
maximum system voltage are set by internal registers written
with SMBus. The ISL9518 “Typical Application Circuit” is
shown in Figure 2.
The ISL9518 charges the battery with constant charge
current, set by the ChargeCurrent register, until the battery
voltage rises to a voltage set by the MaxSystemVoltage
register. The charger will then operate at a constant voltage.
The adapter current is monitored and if the adapter current
rises to the limit set by the InputCurrent register, system
voltage and battery charge current are reduced to limit
adapter current. If battery voltage is below the min system
voltage, the trickle charge system is activated.
The ISL9518 features two voltage regulation loops and two
current regulation loops. The max system voltage loop
controls the voltage at CSON with a precision voltage divider
to the voltage error amplifier GM2. The min system voltage
prevents the system voltage from dropping below a minimum
value even if a deeply discharged battery is inserted that is
below the minimum. The Charge Current regulation loop
limits the battery charging current delivered to the battery to
ensure that it never exceeds the current set by the
ChargeCurrent register. The Input Current regulation loop
limits the current drawn from the AC-adapter to ensure that it
never exceeds the limit set by the InputCurrent register to
prevent adapter overload.
PWM Control
The ISL9518 employs a fixed frequency pulse width
modulator (PWM) with feed forward. The switching
frequency can be reduced with an SMBus command for
improved light load efficiency
AC-adapter Detection
AC-adapter voltage is connected through a resistor divider to
ADET to detect when AC power is available, as shown in
Figure 2. ADPR is an open-drain output and is active low
when ADET is less than Vth,fall, and high Z when ADET is
above Vth,rise. The ADET rising threshold is 3.2V (typ) with
57mV hysteresis. ADET must be above the threshold to
Enable the output voltage.
Current Measurement
ACMON is an output voltage that is proportional to the
adapter current being sensed across CSIP and CSIN. The
output voltage range is 0.1V to 3.2V. The voltage of ACMON
is given by Equation 1:
where IINPUT is the DC current drawn from the AC-adapter.
A capacitor is required at the ACMON output to stabilize the
ACMON amplifier and to minimize switching noise.
VDD Regulator
VDD provides a 5.1V supply voltage from the internal LDO
regulator from DCIN and can deliver up to 30mA of
continuous current. VDD also supplies power to VDDP
through a low pass filter as shown in the “Typical Application
Circuit” in Figure 2. The MOSFET drivers are powered by
VDDP. Bypass VDDP and VDD with a 1µF capacitor.
VSMB Supply
The VSMB input provides power to the SMBus interface.
Connect an external supply to VSMB to keep the SMBus
interface active while the supply to DCIN is removed. When
VSMB is biased, the internal registers are maintained. Bypass
VSMB to AGND with a 0.1µF or greater ceramic capacitor.
SGATE Function
If ADET > 3.2V and VDD > 4.5V and ISOLATE_ADAPTER bit
is 0 (default state) then SGATE will be ON (meaning SGATE
will be driven to ground turning on the inrush limit and the
adapter isolation FETs ON). In all other cases, SGATE is OFF
(meaning the chip will not pull-down SGATE and the off chip
resistor will pull the gates of the in-rush limit and adapter
isolation FETs to their sources, turning them OFF).
BGATE Function
The BGATE pin drives the gate of an external PFET to
control the minimum system voltage. If a battery is
connected that is discharged below the value set in the
MinSystemVoltage register, BGATE controls the system
voltage at the value set in the MinSystemVoltage register.
Trickle Charging
If a battery that is discharged below the value set in the
MinSystemVoltage register is connected to the system, the
trickle charge system is activated. In trickle charge mode,
the charge current is reduced to 256mA. The value in the
ChargeCurrent register is not changed. The BGATE FET is
controlled in a linear mode to regulate the system voltage at
min system voltage and to drop voltage between the min
system voltage and the battery. This state is communicated
to the host system by the trickle bit in the control register and
a low state on the TRKLN pin.
When the battery is charged to the min system voltage, the
BGATE FET becomes fully enhanced and BGATE is pulled
more than 5V below the system voltage. This changes the
ACMON
20 I
INPUT RS1
⋅⋅
=
(EQ. 1)
ISL9518, ISL9518A


Similar Part No. - ISL9518AHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9519 INTERSIL-ISL9519 Datasheet
90Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
ISL9519 INTERSIL-ISL9519 Datasheet
101Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Renesas Technology Corp
ISL9519 RENESAS-ISL9519 Datasheet
153Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
March 1, 2012
logo
Intersil Corporation
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
More results

Similar Description - ISL9518AHRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9520 RENESAS-ISL9520 Datasheet
162Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
Rev 1.00 March 6, 2013
logo
Intersil Corporation
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Renesas Technology Corp
ISL9519 RENESAS-ISL9519 Datasheet
153Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
March 1, 2012
ISL6258 RENESAS-ISL6258 Datasheet
185Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Intersil Corporation
ISL9519IRTZ INTERSIL-ISL9519IRTZ Datasheet
101Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Renesas Technology Corp
ISL88750 RENESAS-ISL88750 Datasheet
187Kb / 2P
   Narrow VDC (NVDC) Battery Charger with SMBus Interface
logo
Intersil Corporation
ISL88750 INTERSIL-ISL88750 Datasheet
107Kb / 2P
   Narrow VDC (NVDC) Battery Charger with SMBus Interface
April 22, 2016
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
logo
Renesas Technology Corp
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com