Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24109RHLT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24109RHLT
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24109RHLT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24109RHLT Datasheet HTML 1Page - Texas Instruments BQ24109RHLT Datasheet HTML 2Page - Texas Instruments BQ24109RHLT Datasheet HTML 3Page - Texas Instruments BQ24109RHLT Datasheet HTML 4Page - Texas Instruments BQ24109RHLT Datasheet HTML 5Page - Texas Instruments BQ24109RHLT Datasheet HTML 6Page - Texas Instruments BQ24109RHLT Datasheet HTML 7Page - Texas Instruments BQ24109RHLT Datasheet HTML 8Page - Texas Instruments BQ24109RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
4,5mmx3,5mm
ActualSize
1
FEATURES
DESCRIPTION
STAT1
IN
IN
PG
VCC
TTCorCMODE
ISET1
ISET2
STAT2orNC
PGND
PGND
CE
SNS
BAT
CELLSorFBorNC
TS
20
1
11
10
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
APPLICATIONS
bq24100
,, bq24103,, bq24103A
bq24104, bq24105, bq24108, bq24109
bq24113, bq24113A, bq24115
www.ti.com .................................................................................................................................................. SLUS606N – JUNE 2004 – REVISED NOVEMBER 2008
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT
IC WITH INTEGRATED POWER FETs (bqSWITCHER™)
23
• Ideal For Highly Efficient Charger Designs For
The bqSWITCHER™ series are highly integrated
Single-, Two- or Three-Cell Li-Ion and
Li-ion
and
Li-polymer
switch-mode
charge
Li-Polymer Battery Packs
management devices targeted at a wide range of
portable applications. The bqSWITCHER™ series
• bq24105 Also for LiFePO
4Battery (see Using
offers integrated synchronous PWM controller and
bq24105 to Charge the LiFePO4 Battery)
power FETs, high-accuracy current and voltage
• Integrated Synchronous Fixed-Frequency
regulation, charge preconditioning, charge status, and
PWM Controller Operating at 1.1 MHz With 0%
charge termination, in a small, thermally enhanced
to 100% Duty Cycle
QFN
package.
The
system-controlled
version
provides additional inputs for full charge management
• Integrated Power FETs For Up To 2-A Charge
under system control.
Rate
• High-Accuracy Voltage and Current Regulation
The bqSWITCHER charges the battery in three
phases: conditioning, constant current, and constant
• Available In Both Stand-Alone (Built-In Charge
voltage.
Charge
is
terminated
based
on
user-
Management and Control) and
selectable minimum current level. A programmable
System-Controlled (Under System Command)
charge timer provides a safety backup for charge
Versions
termination. The bqSWITCHER automatically restarts
• Status Outputs For LED or Host Processor
the charge cycle if the battery voltage falls below an
Interface Indicates Charge-In-Progress, Charge
internal threshold. The bqSWITCHER automatically
enters sleep mode when VCC supply is removed.
Completion, Fault, and AC-Adapter Present
Conditions
RHL PACKAGE
• 20-V Maximum Voltage Rating on IN and OUT
(TOP VIEW)
(bq24100, 03, 03A, 04, 05, 08, 09, 13, 13A, 15)
Pins
• High-Side Battery Current Sensing
• Battery Temperature Monitoring
• Automatic Sleep Mode for Low Power
Consumption
• System-Controlled Version Can Be Used In
NiMH and NiCd Applications
• Reverse Leakage Protection Prevents Battery
Drainage
• Thermal Shutdown and Protection
• Built-In Battery Detection
• Available in 20-Pin, 3,5 mm × 4,5 mm QFN
Package
• Handheld Products
• Portable Media Players
• Industrial and Medical Equipment
• Portable Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
bqSWITCHER, PowerPAD are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24109RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24109RHLT TI1-BQ24109RHLT Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24109RHLT TI1-BQ24109RHLT Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24109RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com