Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512HP-21Q72 Datasheet(PDF) 1 Page - Intersil Corporation

Part # KAD5512HP-21Q72
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512HP-21Q72 Datasheet(HTML) 1 Page - Intersil Corporation

  KAD5512HP-21Q72 Datasheet HTML 1Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 2Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 3Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 4Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 5Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 6Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 7Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 8Page - Intersil Corporation KAD5512HP-21Q72 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
®
FN6808.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FemtoCharge is a trademark of Kenet Inc. Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
KAD5512HP
High Performance 12-Bit,
250/210/170/125MSPS ADC
The KAD5512HP is the high-performance member of the
KAD5512 family of 12-bit analog-to-digital converters.
Designed with Intersil’s proprietary FemtoCharge™
technology on a standard CMOS process, the family
supports sampling rates of up to 250MSPS. The
KAD5512HP is part of a pin-compatible portfolio of 10, 12
and 14-bit A/Ds with sample rates ranging from 125MSPS to
500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters
such as gain and offset.
Digital output data is presented in selectable LVDS or CMOS
formats. The KAD5512HP is available in 72- and 48-contact
QFN packages with an exposed paddle. Operating from a
1.8V supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).
Key Specifications
• SNR = 67.2dBFS for fIN = 124MHz (-1dBFS)
• SFDR = 81dBc for fIN = 124MHz (-1dBFS)
• Power Consumption
- 407/324mW @ 250/125MSPS (SDR Mode)
- 368/288mW @ 250/125MSPS (DDR Mode)
Features
• Pin-Compatible with the KAD5512P Family, Offering
2.5dB Higher SNR
• Programmable Gain, Offset and Skew control
• 950MHz Analog Input Bandwidth
• 60fs Clock Jitter
• Over-Range Indicator
• Selectable Clock Divider:
÷1, ÷2 or ÷4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)
Applications
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
• WiMAX and Microwave Receivers
Digital
Error
Correction
LVDS/CMOS
Drivers
1.25 V
Clock
Generation
SHA
VINP
VINN
12-bit
250 MSPS
ADC
CLKP
CLKN
SPI
Control
CLKOUTP
CLKOUTN
D[11:0]P
D[11:0]N
ORP
ORN
OUTFMT
OUTMODE
+
VCM
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
KAD5514P-25
14
250
KAD5514P-21
14
210
KAD5514P-17
14
170
KAD5514P-12
14
125
KAD5512P-50
12
500
KAD5512P-25,
KAD5512HP-25
12
250
KAD5512P-21,
KAD5512HP-21
12
210
KAD5512P-17,
KAD5512HP-17
12
170
KAD5512P-12,
KAD5512HP-12
12
125
KAD5510P-50
10
500
Data Sheet
December 5, 2008


Similar Part No. - KAD5512HP-21Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512HP-21Q72 ETC2-KAD5512HP-21Q72 Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-21Q72 INTERSIL-KAD5512HP-21Q72 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-21Q72 INTERSIL-KAD5512HP-21Q72 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-21Q72 INTERSIL-KAD5512HP-21Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-21Q72 RENESAS-KAD5512HP-21Q72 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-21Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP_09 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com