Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5610P Datasheet(PDF) 5 Page - Intersil Corporation

Part # KAD5610P
Description  Dual 10-Bit, 250/210/170/125MSPS A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5610P Datasheet(HTML) 5 Page - Intersil Corporation

  KAD5610P Datasheet HTML 1Page - Intersil Corporation KAD5610P Datasheet HTML 2Page - Intersil Corporation KAD5610P Datasheet HTML 3Page - Intersil Corporation KAD5610P Datasheet HTML 4Page - Intersil Corporation KAD5610P Datasheet HTML 5Page - Intersil Corporation KAD5610P Datasheet HTML 6Page - Intersil Corporation KAD5610P Datasheet HTML 7Page - Intersil Corporation KAD5610P Datasheet HTML 8Page - Intersil Corporation KAD5610P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
FN6810.1
January 30, 2009
AC SPECIFICATIONS (Note 4)
Differential
Nonlinearity
DNL
-0.5
±0.12
0.5
-0.5
±0.17
0.5
-0.5
±0.17
0.5
-0.5
±0.17
0.5
LSB
Integral Nonlinearity
INL
-0.75
±0.2
0.75
-0.75
±0.3
0.75 -0.75
±0.3
0.75
-0.75
±0.3
0.75
LSB
Minimum
Conversion Rate
(Note 5)
fS MIN
40
40
40
40
MSPS
Maximum
Conversion Rate
fS MAX
250
210
170
125
MSPS
Signal-to-Noise
Ratio (Note 4)
SNR
fIN = 10MHz
60.8
60.8
61.0
61.0
dBFS
fIN = 105MHz
59.5
60.7
60.0
60.9
60.2
61.0
60.2
61.0
dBFS
fIN = 190MHz
60.6
60.8
60.9
60.9
dBFS
fIN = 364MHz
60.5
60.6
60.7
60.7
dBFS
fIN = 695MHz
59.9
60.0
60.1
60.0
dBFS
fIN = 995MHz
59.1
59.2
59.3
59.2
dBFS
Signal-to-Noise and
Distortion (Note 4)
SINAD
fIN = 10MHz
60.7
60.8
60.9
61.0
dBFS
fIN = 105MHz
59.3
60.7
59.9
60.9
60.0
60.9
60.0
61.0
dBFS
fIN = 190MHz
60.5
60.8
60.8
60.9
dBFS
fIN = 364MHz
60.4
60.5
60.6
60.4
dBFS
fIN = 695MHz
56.5
57.3
56.9
56.6
dBFS
fIN = 995MHz
49.8
46.9
47.7
49.1
dBFS
Effective Number of
Bits (Note 4)
ENOB
fIN = 10MHz
9.8
9.8
9.8
9.8
Bits
fIN = 105MHz
9.5
9.8
9.6
9.8
9.6
9.8
9.6
9.8
Bits
fIN = 190MHz
9.8
9.8
9.8
9.8
Bits
fIN = 364MHz
9.7
9.8
9.8
9.7
Bits
fIN = 695MHz
9.1
9.2
9.2
9.1
Bits
fIN = 995MHz
8.0
7.5
7.6
7.9
Bits
Spurious-Free
Dynamic Range
(Note 4)
SFDR
fIN = 10MHz
83.0
82.0
78.0
79.0
dBc
fIN = 105MHz
70.0
86.1
70.0
86.6
70.0
84.6
70.0
85.8
dBc
fIN = 190MHz
78.0
80.1
81.0
81.2
dBc
fIN = 364MHz
76.2
77.1
77.9
72.1
dBc
fIN = 695MHz
60.8
61.9
61.0
61.1
dBc
fIN = 995MHz
50.2
47.2
47.9
49.4
dBc
Intermodulation
Distortion (Note 4)
IMD
fIN = 70MHz
-86.1
-92.1
-94.5
-95.1
dBFS
fIN = 170MHz
-96.9
-87.1
-91.6
-85.7
dBFS
Channel-to-Channel
Isolation
fIN = 10MHz
90
90
90
90
dB
fIN = 124MHz
90
90
90
90
dB
Word Error Rate
WER
10-12
10-12
10-12
10-12
Full Power
Bandwidth
FPBW
1.3
1.3
1.3
1.3
GHz
NOTES:
3. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital
output.
4. AC Specifications apply after internal calibration of the ADC is invoked at the given sample rate and temperature. Refer to “Power-On Calibration”
on page 13 and “User-Initiated Reset” on page 14 for more details.
5. The DLL Range setting must be changed for low speed operation. See Table 15 on page 22 for more detail.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per
speed grade). (Continued)
PARAMETER
SYMBOL
CONDITIONS
KAD5610P-25
KAD5610P-21
KAD5610P-17
KAD5610P-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
KAD5610P


Similar Part No. - KAD5610P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P-12 INTERSIL-KAD5610P-12 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - KAD5610P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com