Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512HP-17Q72 Datasheet(PDF) 7 Page - Intersil Corporation

Part # KAD5512HP-17Q72
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512HP-17Q72 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button KAD5512HP-17Q72 Datasheet HTML 3Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 4Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 5Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 6Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 7Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 8Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 9Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 10Page - Intersil Corporation KAD5512HP-17Q72 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
FN6808.0
December 5, 2008
ESD
Electrostatic charge accumulates on humans, tools and
equipment and may discharge through any metallic package
contacts (pins, balls, exposed paddle, etc.) of an integrated
circuit. Industry-standard protection techniques have been
utilized in the design of this product. However, reasonable
care must be taken in the storage and handling of ESD
sensitive products. Contact Intersil for the specific ESD
sensitivity rating of this product.
Switching Specifications
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
ADC OUTPUT
Aperture Delay
tA
375
ps
RMS Aperture Jitter
jA
60
fs
Output Clock to Data Propagation Delay,
LVDS Mode
DDR Rising Edge
tDC
-260
-50
120
ps
DDR Falling Edge
tDC
-160
10
230
ps
SDR Falling Edge
tDC
-260
-40
230
ps
Output Clock to Data Propagation Delay,
CMOS Mode
DDR Rising Edge
tDC
-220
-10
200
ps
DDR Falling Edge
tDC
-310
-90
110
ps
SDR Falling Edge
tDC
-310
-50
200
ps
Latency (Pipeline Delay)
L
8.5
cycles
Overvoltage Recovery
tOVR
1cycles
SPI INTERFACE (Notes 6, 7)
SCLK Period
Write Operation
t
CLK
64
ns
Read Operation
tCLK
264
ns
SCLK Duty Cycle (tHI/tCLK or tLO/tCLK)
Read or Write
25
50
75
%
SCLK
↑ to CSB↓ Setup Time
Read or Write
tS
-4
ns
SCLK
↑ to CSB↑ Hold Time
Read or Write
tH
-12
ns
SCLK
↑ to Data Setup Time
Read or Write
tDS
-4
ns
SCLK
↑ to Data Hold Time
Read or Write
tDH
-12
ns
NOTES:
6. SPI Interface timing is directly proportional to the ADC sample period (tS). Values above reflect multiples of a 4ns sample period, and must be
scaled proportionally for lower sample rates.
7. The SPI may operate asynchronously with respect to the ADC sample clock.
Thermal Impedance
PARAMETER
SYMBOL
48 LD QFN
TYP
72 LD QFN
TYP
UNIT
Junction to Ambient
(Note 8)
θJ
A
35
27
°C/W
NOTE:
8. Paddle soldered to ground plane.
KAD5512HP


Similar Part No. - KAD5512HP-17Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512HP-17Q72 ETC2-KAD5512HP-17Q72 Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-17Q72 INTERSIL-KAD5512HP-17Q72 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-17Q72 INTERSIL-KAD5512HP-17Q72 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-17Q72 INTERSIL-KAD5512HP-17Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-17Q72 RENESAS-KAD5512HP-17Q72 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-17Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP_09 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com