Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24232RGTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24232RGTR
Description  USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24232RGTR Datasheet(HTML) 3 Page - Texas Instruments

  BQ24232RGTR Datasheet HTML 1Page - Texas Instruments BQ24232RGTR Datasheet HTML 2Page - Texas Instruments BQ24232RGTR Datasheet HTML 3Page - Texas Instruments BQ24232RGTR Datasheet HTML 4Page - Texas Instruments BQ24232RGTR Datasheet HTML 5Page - Texas Instruments BQ24232RGTR Datasheet HTML 6Page - Texas Instruments BQ24232RGTR Datasheet HTML 7Page - Texas Instruments BQ24232RGTR Datasheet HTML 8Page - Texas Instruments BQ24232RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq24230
bq24232
www.ti.com .......................................................................................................................................... SLUS821A – OCTOBER 2008 – REVISED DECEMBER 2008
MIN
MAX
UNIT
IN voltage range
4.35
26
V
VI
'230
4.35
6.4
V
IN operating voltage range
'232
4.35
10.2
IIN
Input current, IN pin
500
mA
IOUT
Current, OUT pin
500
mA
IBAT
Current, BAT pin (discharging)
500
mA
ICHG
Current, BAT pin (charging)
500
mA
TJ
Junction temperature
–40
125
°C
RILIM
Maximum input current programming resistor
3.1
7.8
k
Ω
RISET
Fast-charge current programming resistor
1.8
36
k
Ω
RTMR
Timer programming resistor
18
72
k
Ω
RITERM
Termination programming resistor
'232
0
15
k
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
UVLO
Undervoltage lockout
VIN: 0 V → 4 V
3.2
3.3
3.4
V
Vhys(UVLO)
Hysteresis on UVLO
VIN: 4 V → 0 V
200
300
mV
Input power detected when VIN > VBAT + VIN(DT)
VIN(DT)
Input power detection threshold
55
80
130
mV
VBAT = 3.6 V, VIN: 3.5 V → 4 V
Vhys(INDT)
Hysteresis on VIN(DT)
VBAT = 3.6 V, VIN: 4 V → 3.5 V
20
mV
Time measured from VIN: 0 V → 5 V 1-µs
Deglitch time, input power
tDGL(PGOOD)
2
ms
detected status
rise time to PGOOD = LO
('230) VIN: 5 V → 7 V
6.4
6.6
6.8
Input overvoltage protection
VOVP
V
threshold
('232) VIN: 5 V → 11 V
10.2
10.5
10.8
Vhys(OVP)
Hysteresis on OVP
('230) VIN: 7 V → 5V
110
mV
('232) VIN: 11 V → 5 V
175
tDGL(OVP)
Input overvoltage blanking time
50
µs
Time measured from VIN: 11 V → 5 V 1 µs
tREC(OVP)
Input overvoltage recovery time
2
ms
fall time to PGOOD = LO
ILIM, TEST ISET SHORT CIRCUIT
ISC
Current source
VIN > UVLO and VIN > VBAT+VIN(DT)
1.3
mA
VSC
VIN > UVLO and VIN > VBAT+VIN(DT)
520
mV
QUIESCENT CURRENT
CE = LO or HI, input power not detected, no
IBAT(PDWN)
Sleep current into BAT pin
6.5
µA
load on OUT pin
EN1= HI, EN2=HI, VIN = 6 V, TJ=85°C
50
µA
IIN(STDBY)
Standby current into IN pin
EN1= HI, EN2=HI, VIN = 10 V, TJ=85°C
200
CE = LO, VIN = 6 V, no load on OUT pin,
ICC
Active supply current, IN pin
1.5
mA
VBAT > VBAT(REG), (EN1, EN2) ≠ (HI, HI)
POWER PATH
VDO(IN-OUT)
VIN – VOUT
VIN = 4.3 V, IIN = 500 mA, VBAT = 4.2 V
150.0
237.5
mV
VDO(BAT-OUT)
VBAT – VOUT
IOUT = 500 mA, VIN = 0 V, VBAT > 3 V
62.5
mV
VO(REG)
OUT pin voltage regulation
VIN > VOUT + VDO (IN-OUT)
4.3
4.4
4.5
V
EN1 = LO, EN2 = LO
90
95
100
mA
IINmax
Maximum input current
EN1 = HI, EN2 = LO
450
475
500
EN2 = HI, EN1 = LO
KILIM/RILIM
A
KILIM
Maximum input current factor
1320
1470
1620
A
Programmable input current limit
IINmax
EN2 = HI, EN1 = LO, RILIM = 3.1 kΩ to 7.8 kΩ
200
500
mA
range
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24230 bq24232


Similar Part No. - BQ24232RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232RGTR TI1-BQ24232RGTR Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
More results

Similar Description - BQ24232RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
[Old version datasheet]   bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com