Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5610P-17Q72 Datasheet(PDF) 6 Page - Intersil Corporation

Part # KAD5610P-17Q72
Description  Dual 10-Bit, 250/210/170/125MSPS A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5610P-17Q72 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button KAD5610P-17Q72 Datasheet HTML 2Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 3Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 4Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 5Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 6Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 7Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 8Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 9Page - Intersil Corporation KAD5610P-17Q72 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
FN6810.1
January 30, 2009
Digital Specifications
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Input Current High (SDIO,RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (SDIO,RESETN)
IIL
VIN = 0V
-25
-12
-5
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
.63
V
Input Current High (OUTMODE, NAPSLP, CLKDIV, OUTFMT)
(Note 6)
IIH
15
25
40
µA
Input Current Low (OUTMODE, NAPSLP, CLKDIV, OUTFMT)
IIL
-40
25
-15
µA
Input Capacitance
CDI
3pF
LVDS OUTPUTS
Differential Output Voltage
VT
3mA Mode
620
mVP-P
Output Offset Voltage
VOS
3mA Mode
950
965
980
mV
Output Rise Time
tR
500
ps
Output Fall Time
tF
500
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3
OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns
Timing Diagrams
FIGURE 1. LVDS TIMING DIAGRAM (DDR)
FIGURE 2. CMOS TIMING DIAGRAM (DDR)
LATENCY = L CYCLES
tDC
tPD
tA
SAMPLE N
tCPD
INP
INN
CLKN
CLKP
CLKOUTN
CLKOUTP
D[9:0]P
D[9:0]N
A DATA
N-L + 1
A DATA
N-L
B DATA
N-L
B DATA
N-L + 1
A DATA
N-L + 2
B DATA
N-L + 2
A DATA
N
LATENCY = L CYCLES
tDC
tPD
tA
SAMPLE N
tCPD
INP
INN
CLKN
CLKP
CLKOUT
D[9:0]
A DATA
N-L + 1
A DATA
N-L
B DATA
N-L
B DATA
N-L + 1
A DATA
N-L + 2
B DATA
N-L + 2
A DATA
N
KAD5610P


Similar Part No. - KAD5610P-17Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5610P-17Q72 ETC2-KAD5610P-17Q72 Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P-17Q72 RENESAS-KAD5610P-17Q72 Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results

Similar Description - KAD5610P-17Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com