Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9317708QTC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # 5962-9317708QTC
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-9317708QTC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button 5962-9317708QTC Datasheet HTML 6Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 7Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 8Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 9Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 10Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 11Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 12Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 13Page - ATMEL Corporation 5962-9317708QTC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
M67206H
4143J–AERO–04/07
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters
Supply voltage (VCC - GND): .............................- 0.5V to 7.0V
Input or Output voltage applied: (GND - 0.3V) to (Vcc + 0.3V)
Storage temperature:................................. - 65 °C to + 150 °C
*NOTICE:
Stresses beyond those listed under "Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Test Conditions
TA = -55°C to + 125°C; Vss = 0V; Vcc = 4.5V to 5.5V
Parameter
Description
M67206H-30
M67206H-15
Unit
Value
I
CCOP
(1)
Operating
supply current
110
120
mA
Max
I
CCSB
(2)
Standby
supply current
5
5
mA
Max
I
CCPD
(3)
Power down
current
400
400
µA
Max
1.
Icc measurements are made with outputs open.
2.
R = W = RS = FL/RT = VIH.
3.
All input = Vcc.
Parameter
Description
M67206H
Unit
Value
ILI (1)
Input leakage current
±
1
µ
A
Max
ILO (2)
Output leakage current
±
1
µ
A
Max
VIL (3)
Input low voltage
0.8
V
Max
VIH(3)
Input high voltage
2.2
V
Min
VOL (4)
Output low voltage
0.4
V
Max
VOH(4)
Output high voltage
2.4
V
Min
C IN (5)
Input capacitance
8
pF
Max
C OUT(5)
Output capacitance
8
pF
Max
1.
0.4 ≤ Vin ≤ Vcc.
2.
R = VIH, 0.4 ≤ VOUT ≤ VCC.
3.
VIH max = Vcc + 0.3 V. VIL min = -0.3V or -1V pulse width 50 ns. For XI input, VIH = 2.8V
4.
Vcc min, IOL = 8 mA, IOH = -2 mA.
5.
Guaranteed but not tested.


Similar Part No. - 5962-9317708QTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-9317709QNC ATMEL-5962-9317709QNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709QTC ATMEL-5962-9317709QTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709VNC ATMEL-5962-9317709VNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709VTC ATMEL-5962-9317709VTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
More results

Similar Description - 5962-9317708QTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com