Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH1 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MH1
Description  1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1 Datasheet(HTML) 4 Page - ATMEL Corporation

  MH1 Datasheet HTML 1Page - ATMEL Corporation MH1 Datasheet HTML 2Page - ATMEL Corporation MH1 Datasheet HTML 3Page - ATMEL Corporation MH1 Datasheet HTML 4Page - ATMEL Corporation MH1 Datasheet HTML 5Page - ATMEL Corporation MH1 Datasheet HTML 6Page - ATMEL Corporation MH1 Datasheet HTML 7Page - ATMEL Corporation MH1 Datasheet HTML 8Page - ATMEL Corporation MH1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
MH1
4138G–AERO–05/04
Figure 1. Typical Gate Array/Embedded Array Design Flow
Atmel
Atmel
Atmel
Atmel
Atmel
Atmel
Atmel
Atmel
Rev.1.6 - 07/2003
Joint
Atmel
Customer
Design Kit
Delivery
Base Wafer
Definition
Base Wafer
Creation
Base Wafer
Base Wafer
Fabrication
Tape Out
Metallization
Layers
Masks
Generation
Fab.,
Assembly
and Test
Design
Review
Place & Route
and
Clock Tree
Post-route
Verification
Logic
Review
Pre-route
Verification
Database
Acceptance
Database
Handoff
Preliminary
Place & Route
Floorplan
SCAN
Insertion
Design
Synthesis
Kickoff
Functional
and Static
Path Sims


Similar Part No. - MH1

ManufacturerPart #DatasheetDescription
logo
Heyco.
MH1 HEYCO-MH1 Datasheet
104Kb / 1P
   Shorty Cable Holders
logo
Advanced Energy Industr...
MH100 ADVANCEDENERGY-MH100 Datasheet
302Kb / 4P
   VERSATILE HIGH VOLTAGE POWER SUPPLY MODULES
logo
Bourns Electronic Solut...
MH1005 BOURNS-MH1005 Datasheet
868Kb / 4P
   MH1005 Series High Current Chip Ferrite Beads
REV. 06/22
MH1005-121Y BOURNS-MH1005-121Y Datasheet
868Kb / 4P
   MH1005 Series High Current Chip Ferrite Beads
REV. 06/22
MH1005-221Y BOURNS-MH1005-221Y Datasheet
868Kb / 4P
   MH1005 Series High Current Chip Ferrite Beads
REV. 06/22
More results

Similar Description - MH1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com