Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D8956809VTC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # 5962D8956809VTC
Description  Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962D8956809VTC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button 5962D8956809VTC Datasheet HTML 6Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 7Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 8Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 9Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 10Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 11Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 12Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 13Page - ATMEL Corporation 5962D8956809VTC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
M67204H
4141J–AERO–04/07
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters
Supply Voltage (VCC - GND):.............................- 0.5V to 7.0V
Input or Output Voltage Applied:. (GND - 0.3V) to (Vcc + 0.3V)
Storage Temperature: .................................. - 65 °C to + 150 °C
*NOTICE:
Stresses beyond those listed under "Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Table 3. DC Test Conditions
TA = – 55°C to + 125°C; Vss = 0V; Vcc = 4.5V to 5.5V
Parameter
Description
M M67204H-30
M M67204H-15
Unit
Value
ICCOP
(1)
Operating
supply current
110
120
mA
Max
ICCSB
(2)
Standby
supply current
5
5
mA
Max
ICCPD
(3)
Power down
current
400
400
µA
Max
ILI (4)
Input leakage current
± 1
µA
Max
ILO (5)
Output leakage current
± 1
µA
Max
VIL (6)
Input low voltage
0.8
V
Max
VIH(6)
Input high voltage
2.2
V
Min
VOL (7)
Output low voltage
0.4
V
Max
VOH (7)
Output high voltage
2.4
V
Min
C IN (8)
Input capacitance
8
pF
Max
C OUT (8)
Output capacitance
8
pF
Max
1.
Icc measurements are made with outputs open.
2.
R = W = RS = FL/RT = VIH.
3.
All input = Vcc.
4.
0.4 ≤ Vin ≤ Vcc.
5.
R = VIH, 0.4 ≤ VOUT ≤ VCC.
6.
VIH max = Vcc + 0.3V. VIL min = -0.3V or -1V pulse width 50 ns. For XI input, VIH= 2.8V
7.
Vcc min, IOL = 8 mA, IOH = -2 mA.
8.
Guaranteed but not tested.


Similar Part No. - 5962D8956809VTC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D0823001QXC INTERSIL-5962D0823001QXC Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
5962D0823001QXC INTERSIL-5962D0823001QXC Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
5962D0823001QXC RENESAS-5962D0823001QXC Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
5962D0823001V9A INTERSIL-5962D0823001V9A Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
5962D0823001V9A INTERSIL-5962D0823001V9A Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results

Similar Description - 5962D8956809VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com