Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDP-672061HV-15-E Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MMDP-672061HV-15-E
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MMDP-672061HV-15-E Datasheet(HTML) 1 Page - ATMEL Corporation

  MMDP-672061HV-15-E Datasheet HTML 1Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 2Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 3Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 4Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 5Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 6Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 7Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 8Page - ATMEL Corporation MMDP-672061HV-15-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
4144K-AERO-04/07
Features
First-in First-out Dual Port Memory
16384 bits x 9 Organization
Fast Flag and Access Times: 15, 30 ns
Wide Temperature Range: -55°C to +125°C
Programmable Half Full Flag
Fully Expandable by Word Width or Depth
Asynchronous Read/Write Operations
Empty, Full and Half Flags in Single Device Mode
Retransmit Capability
Bi-directional Applications
Battery Back-up Operation: 2V Data Retention
TTL Compatible
Single 5V + 10% Power Supply
No Single Event Latch Up Below an LET threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 30 Krads (according to MIL-STD-883 TM1019)
Quality grades: QML Q and V with SMD 5962-93177 and ESSC with Specification
9301/48
Description
The M672061H implements a first-in first-out algorithm, featuring asynchronous
read/write operations. The FULL and EMPTY flags prevent data overflow and under-
flow. The Expansion logic allows unlimited expansion in word size and depth with no
timing penalties. Twin address pointers automatically generate internal read and write
addresses, and no external address information are required for the Atmel FIFOs.
Address pointers are automatically incremented with the write pin and read pin. The 9
bits wide data are used in data communications applications where a parity bit for
error checking is necessary. The Retransmit pin resets the Read pointer to zero with-
out affecting the write pointer. This is very useful for retransmitting data when an error
is detected in the system.
Using an array of eight transistors (8T) memory cell, the M672061H combines an
extremely low standby supply current (typ = 0.1 µA) with a fast access time at 15 ns
over the full temperature range. All versions offer battery backup data retention capa-
bility with a typical power consumption at less than 2 µW.
For military/space applications that demand superior levels of performance and reli-
ability the M672061H is processed according to the methods of the latest revision of
the MIL PRF 38535 (Q and V) or ESCC 9000.
Rad. Tolerant
High Speed
16 Kb x 9
Parallel FIFO with
Programmable
Flag
M672061H


Similar Part No. - MMDP-672061HV-15-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MMDP-67206HV-15-E ATMEL-MMDP-67206HV-15-E Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
More results

Similar Description - MMDP-672061HV-15-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Samsung semiconductor
KM75C104A SAMSUNG-KM75C104A Datasheet
564Kb / 18P
   CMOS FIFO WITH PROGRAMMABLE FLAG
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com