Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD2708L-21Q68 Datasheet(PDF) 3 Page - Intersil Corporation

Part # KAD2708L-21Q68
Description  8-Bit, 350/275/210/170/105MSPS A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD2708L-21Q68 Datasheet(HTML) 3 Page - Intersil Corporation

  KAD2708L-21Q68 Datasheet HTML 1Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 2Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 3Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 4Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 5Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 6Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 7Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 8Page - Intersil Corporation KAD2708L-21Q68 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6813.0
December 5, 2008
Absolute Maximum Ratings
Thermal Information
AVDD2 to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
AVDD3 to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 3.7V
OVDD2 to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
Analog Inputs to AVSS. . . . . . . . . . . . . . . . . -0.4V to AVDD3 + 0.3V
Clock Inputs to AVSS. . . . . . . . . . . . . . . . . . -0.4V to AVDD2 + 0.3V
Logic Inputs to AVSS (VREFSEL, CLKDIV) -0.4V to AVDD3 + 0.3V
Logic Inputs to OVSS (RST, 2SC) . . . . . . . . -0.4V to OVDD2 + 0.3V
VREF to AVSS . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD3 + 0.3V
Analog Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Logic Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
LVDS Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD2 = 1.8V, AVDD3 = 3.3V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), fSAMPLE = 350MSPS, 270MSPS,
210MSPS, 170MSPS and 105MSPS, fIN = Nyquist at -0.5dBFS.
PARAMETER
SYMBOL CONDITIONS
KAD2708L-35
KAD2708L-27
KAD2708L-21
KAD2708L-17
KAD2708L-10
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
DC SPECIFICATIONS
Analog Input
Full-Scale Analog
Input Range
VFS
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
VP-P
Full Scale Range
Temp. Drift
AVTC
Full Temp
257
230
210
198
176
ppm/°C
Common-Mode
Output Voltage
VCM
860
860
860
860
860
mV
Power Requirements
1.8V Analog
Supply Voltage
AVDD2
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
3.3V Analog
Supply Voltage
AVDD3
3.15
3.3
3.45 3.15
3.3
3.45 3.15
3.3
3.45 3.15
3.3
3.45 3.15
3.3
3.45
V
1.8V Digital
Supply Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Analog
Supply Current
IAVDD2
51
60
44
51
38
42
35
39
29
33
mA
3.3V Analog
Supply Current
IAVDD3
50
54
41
45
33
37
28
32
21
24
mA
1.8V Digital
Supply Current
IOVDD
39
44
34
39
33
36
31
36
28
32
mA
Power
Dissipation
PD
327
365
275
310
237
263
211
241
172
196
mW
AC SPECIFICATIONS
Maximum
Conversion Rate
fS MAX
350
275
210
170
105
MSPS
Minimum
Conversion Rate
fS MIN
505050
5050
MSPS
Differential
Nonlinearity
DNL
fIN = 10MHz
(for -17 and -10
versions only)
-0.3 ±0.2
0.4
-0.3 ±0.2
0.4
-0.3 ±0.2
0.4
-0.3 ±0.2
0.4
-0.3 ±0.2
0.4
LSB
Integral
Nonlinearity
INL
fIN = 10MHz
(for -17 and -10
versions only)
-0.8 ±0.2
0.8
-0.8 ±0.2
0.8
-0.8 ±0.2
0.8
-0.8 ±0.2
0.8
-0.8 ±0.2
0.8
LSB
KAD2708L


Similar Part No. - KAD2708L-21Q68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2708L-21Q68 ETC2-KAD2708L-21Q68 Datasheet
409Kb / 17P
   8-Bit, 350MSPS Analog-to-Digital Converter
logo
Intersil Corporation
KAD2708L-21Q68 INTERSIL-KAD2708L-21Q68 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L-21Q68 RENESAS-KAD2708L-21Q68 Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2708L-21Q68

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD2708L INTERSIL-KAD2708L_11 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L RENESAS-KAD2708L Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C Datasheet
323Kb / 15P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708C RENESAS-KAD2708C Datasheet
791Kb / 17P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C_11 Datasheet
604Kb / 16P
   8-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L INTERSIL-KAD2710L Datasheet
346Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2710C RENESAS-KAD2710C Datasheet
765Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L RENESAS-KAD2710L Datasheet
797Kb / 17P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com