Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D9317708VNC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # 5962D9317708VNC
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962D9317708VNC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button 5962D9317708VNC Datasheet HTML 4Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 5Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 6Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 7Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 8Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 9Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 10Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 11Page - ATMEL Corporation 5962D9317708VNC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
M67206H
4143J–AERO–04/07
Bi-directional Mode
Applications which require data buffering between two systems (each system being
capable of Read and Write operations) can be created by coupling M67206H as shown
in Figure 6. Care must be taken to ensure that the appropriate flag is monitored by each
system (i.e. FF is monitored on the device on which W is in use; EF is monitored on the device
on which R is in use). Both Depth Expansion and Width Expansion may be used in this mode.
Data Flow – Through
Modes
Two types of flow-through modes are permitted: a read flow-through and a write flow-
through mode. In the read flow-through mode (Figure 17) the FIFO stack allows a single
word to be read after one word has been written to an empty FIFO stack. The data is
enabled on the bus at (tWEF + tA) ns after the leading edge of W which is known as the
first write edge and remains on the bus until the R line is raised from low to high, after which the
bus will go into a three-state mode after tRHZ ns. The EF line will show a pulse indicating tem-
porary reset and then will be set. In the interval in which R is low, more words may be written to
the FIFO stack (the subsequent writes after the first write edge will reset the Empty Flag); how-
ever, the same word (written on the first write edge) presented to the output bus as the read
pointer will not be incremented if R is low. On toggling R, the remaining words written to the
FIFO will appear on the output bus in accordance with the read cycle timings.
In the write flow-through mode (Figure 18), the FIFO stack allows a single word of data
to be written immediately after a single word of data has been read from a full FIFO
stack. The R line causes the FF to be reset, but the W line, being low, causes it to be set again
in anticipation of a new data word. The new word is loaded into the FIFO stack on the leading
edge of W. The W line must be toggled when FF is not set in order to write new data into the
FIFO stack and to increment the write pointer.
Figure 4. Block Diagram of 49152 bits × 9 FIFO Memory (Depth Expansion)
M
67206H
M
67206H
M
67206H


Similar Part No. - 5962D9317708VNC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962D9317709VNC ATMEL-5962D9317709VNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962D9317709VTC ATMEL-5962D9317709VTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
More results

Similar Description - 5962D9317708VNC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com