Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD2710L-10Q68 Datasheet(PDF) 4 Page - Intersil Corporation

Part # KAD2710L-10Q68
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD2710L-10Q68 Datasheet(HTML) 4 Page - Intersil Corporation

  KAD2710L-10Q68 Datasheet HTML 1Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 2Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 3Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 4Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 5Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 6Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 7Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 8Page - Intersil Corporation KAD2710L-10Q68 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6818.0
December 5, 2008
Absolute Maximum Ratings
Thermal Information
AVDD2 to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
AVDD3 to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 3.7V
OVDD2 to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
Analog Inputs to AVSS. . . . . . . . . . . . . . . . . -0.4V to AVDD3 + 0.3V
Clock Inputs to AVSS. . . . . . . . . . . . . . . . . . -0.4V to AVDD2 + 0.3V
Logic Inputs to AVSS (VREFSEL, CLKDIV) -0.4V to AVDD3 + 0.3V
Logic Inputs to OVSS (RST, 2SC) . . . . . . . . -0.4V to OVDD2 + 0.3V
VREF to AVSS . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD3 + 0.3V
Analog Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Logic Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
LVDS Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD2 = 1.8V, AVDD3 = 3.3V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), fSAMPLE = 275MSPS, 210MSPS,
170MSPS and 105MSPS, fIN = Nyquist at -0.5dBFS.
PARAMETER
SYMBOL
CONDITIONS
KAD2710L-27
KAD2710L-21
KAD2710L-17
KAD2710L-10
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
DC SPECIFICATIONS
Analog Input
Full-Scale Analog Input
Range
VFS
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
VP-P
Full Scale Range Temp.
Drift
AVTC
Full Temp
230
210
198
178
ppm/°C
Common-Mode Output
Voltage
VCM
860
860
860
860
mV
Power Requirements
1.8V Analog Supply
Voltage
AVDD2
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
3.3V Analog Supply
Voltage
AVDD3
3.15
3.3
3.45 3.15
3.3
3.45 3.15
3.3
3.45 3.15
3.3
3.45
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Analog Supply
Current
IAVDD2
44
51
38
42
35
39
29
33
mA
3.3V Analog Supply
Current
IAVDD3
41
45
33
37
28
32
21
24
mA
1.8V Digital Supply Current
I
OVDD
36
41
35
39
34
38
31
35
mA
Power Dissipation
PD
278
314
240
268
217
244
178
202
mW
AC SPECIFICATIONS
Maximum Conversion
Rate
fS MAX
275
210
170
105
MSPS
Minimum Conversion Rate
fS MIN
5050
5050
MSPS
Differential Nonlinearity
DNL
-1.0 ±0.8
1.5
-1.0 ±0.8
1.5
-1.0 ±0.8
1.5
-1.0 ±0.8
1.5
LSB
Integral Nonlinearity
INL
-2.5 ±1.0
2.0
-2.5 ±1.0
1.5
-2.5 ±1.0
1.5
-2.5 ±1.0
1.5
LSB
Signal-to-Noise Ratio
SNR
fIN = 10MHz
55.7
56.4
56.6
56.6
dBFS
fIN = Nyquist
53.5 55.6
53.5 56.2
53.5 56.5
53.5 56.5
dBFS
fIN = 430MHz
55.2
54.8
54.6
54.5
dBFS
Signal-to-Noise and
Distortion
SINAD
fIN = 10MHz
55.3
56.1
56.3
56.3
dBFS
fIN = Nyquist
52.5 55.2
52.5 56.0
52.5 56.2
52.5 56.2
dBFS
fIN = 430MHz
54.4
53.7
53.4
53.2
dBFS
KAD2710L


Similar Part No. - KAD2710L-10Q68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710L-10Q68 ETC2-KAD2710L-10Q68 Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Renesas Technology Corp
KAD2710L-10Q68 RENESAS-KAD2710L-10Q68 Datasheet
797Kb / 17P
   10-Bit, 275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2710L-10Q68

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2710C RENESAS-KAD2710C Datasheet
765Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L RENESAS-KAD2710L Datasheet
797Kb / 17P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C Datasheet
323Kb / 15P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708C RENESAS-KAD2708C Datasheet
791Kb / 17P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C_11 Datasheet
604Kb / 16P
   8-Bit, 275/210/170/105MSPS A/D Converter
KAD2708L INTERSIL-KAD2708L Datasheet
338Kb / 15P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2708L INTERSIL-KAD2708L_11 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L RENESAS-KAD2708L Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com