Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC695F Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TSC695F
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TSC695F_04 Datasheet HTML 2Page - ATMEL Corporation TSC695F_04 Datasheet HTML 3Page - ATMEL Corporation TSC695F_04 Datasheet HTML 4Page - ATMEL Corporation TSC695F_04 Datasheet HTML 5Page - ATMEL Corporation TSC695F_04 Datasheet HTML 6Page - ATMEL Corporation TSC695F_04 Datasheet HTML 7Page - ATMEL Corporation TSC695F_04 Datasheet HTML 8Page - ATMEL Corporation TSC695F_04 Datasheet HTML 9Page - ATMEL Corporation TSC695F_04 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
TSC695F
4118J–AERO–08/04
Instruction Set
TSC695F instructions fall into six functional categories: load/store, arithmetic/logi-
cal/shift, control transfer, read/write control register, floating-point, and miscellaneous.
Please refer to SPARC V7 Instruction-set Manual.
Note:
The execution of IFLUSH will cause an illegal instruction trap.
On-chip Peripherals
Memory Interface
The TSC695F is designed to allow easy interfacing to internal/external memory
resources.
System Registers
The system registers are only writable by IU in the supervisor mode or by DMA during
halt mode.
Table 2. Memory Mapping
Memory Contents
Start Address
Size (bytes)
Data Size and Parity Options
Boot PROM
0x 00000000
128K
→ 16M
8-bit mode
No parity/-No EDAC/-Only byte write
40-bit mode
Parity + EDAC mandatory/-Only word write
Extended PROM
0x 01000000
Max: 15M
8-bit mode
No parity/-No EDAC/-Only byte write
40-bit mode
Parity + EDAC mandatory/-Only word write
Exchange Memory
0x 01F00000
4k
→ 512k
Parity + EDAC option/-Only word write
System Registers
0x01F80000
512K (124 used)
Parity/-Only word read/write access
RAM (8 blocks)
0x02000000
8*32K
→ 8*4M
Parity + EDAC option/-All data sizes allowed
Extended RAM
0x 04000000
Max: 192M
I/O Area 0
0x 10000000
0
→ 16M
Parity option/-All data sizes allowed
I/O Area 1
0x 11000000
0
→ 16M
I/O Area 2
0x 12000000
0
→ 16M
I/O Area 3
0x 13000000
0
→ 16M
Extended I/O Area
0x 14000000
Max: 1728M
Extended General
0x 80000000
Max: 2G
No parity/-All data sizes allowed
Table 3. System Registers Address Map
System Register Name
Address
System Control Register
SYSCTR
0x 01F8 0000
Software Reset
SWRST
0x 01F8 0004
Power Down
PDOWN
0x 01F8 0008
System Fault Status Register
SYSFSR
0x 01F8 00A0
Failing Address Register
FAILAR
0x 01F8 00A4
Error & Reset Status Register
ERRRSR
0x 01F8 00B0
Test Control Register
TESCTR
0x 01F8 00D0


Similar Part No. - TSC695F_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F-25MA ATMEL-TSC695F-25MA Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MB-E ATMEL-TSC695F-25MB-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25SASB ATMEL-TSC695F-25SASB Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
More results

Similar Description - TSC695F_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com