Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89C51CC02CA-UM Datasheet(PDF) 9 Page - ATMEL Corporation

Part # 89C51CC02CA-UM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

89C51CC02CA-UM Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button 89C51CC02CA-UM Datasheet HTML 5Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 6Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 7Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 8Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 9Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 10Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 11Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 12Page - ATMEL Corporation 89C51CC02CA-UM Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
9
AT/T89C51CC02
4126L–CAN–01/08
associated nFET is switched off. This is traditional CMOS switch convention. Current
strengths are 1/10 that of pFET #3.
Note:
During Reset, pFET#1 is not avtivated. During Reset, only the weak pFET#3 pull up the
pin.
Figure 2. Internal Pull-up Configurations
READ PIN
INPUT DATA
P1.x
OUTPUT DATA
2 Osc. PERIODS
n
p1(1)
p2
p3
VCC
VCC
VCC
P2.x
P3.x
P4.x


Similar Part No. - 89C51CC02CA-UM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C51 PHILIPS-89C51 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
logo
ATMEL Corporation
89C51ED2 ATMEL-89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
89C51ED2 ATMEL-89C51ED2 Datasheet
1Mb / 24P
   FLASH 8-bit C51 Microcontroller
89C51ED2 ATMEL-89C51ED2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
More results

Similar Description - 89C51CC02CA-UM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
AT89C51CC03 ATMEL-AT89C51CC03_06 Datasheet
2Mb / 197P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03 Datasheet
2Mb / 195P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com