Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C010-12DK-MQ Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C010-12DK-MQ
Description  Space 1-megabit (128K x 8) Paged Parallel EEPROMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-12DK-MQ Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C010-12DK-MQ Datasheet HTML 7Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 8Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 9Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 10Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 11Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 12Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 13Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 14Page - ATMEL Corporation AT28C010-12DK-MQ Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AT28C010-12DK
4259C–AERO–05/05
Chip Erase Waveforms
Software Data
Figure 1. Protection Enable Algorithm
(1)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Write Protect state will be activated at end of write even if no other data is loaded.
3. 1 to 128 bytes of data are loaded.
t
S = 5 msec (min.)
t
W = tH = 10 msec (min.)
V
H = 12.0V ± 0.5V
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA A0
TO
ADDRESS 5555
LOAD DATA XX
TO
ANY ADDRESS(3)
LOAD LAST BYTE
TO
LAST ADDRESS
ENTER DATA
PROTECT STATE
WRITES ENABLED(2)


Similar Part No. - AT28C010-12DK-MQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK-MQ ATMEL-AT28C010-12DK-MQ Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK-MQ ATMEL-AT28C010-12DK-MQ Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C010-12DK-MQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040_08 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com