Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32172EIBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL32172EIBZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32172EIBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL32172EIBZ Datasheet HTML 3Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 10Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN6824.0
December 16, 2008
Logic Input Current
IIN1
DIX = 0V or VCC
Full
-1
-
1
µA
IIN2
SP, EN, EN, ENX, SHDNEN = 0V or VCC
Full
-15
9
15
µA
IIN3
EN12, EN34 = 0V or VCC
Full
-30
18
30
µA
Output Leakage Current (Y, Z)
IOZ
EN = 0, VCC = 0V to 5.5V, -0.25 ≤ VO ≤ 6V
Full
-10
-
10
µA
EN = 0, VCC = 3V to 5.5V, VO = 0V to VCC
25
-8
-
8
nA
(Note 16)
-30
-
30
nA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
EN = 1, VY or VZ = 0V (Note 7)
Full
-
-
±150
mA
EN = 1, VY or VZ = VCC (Note 7)
Full
-
-
±200
mA
Thermal Shutdown Threshold
TSD
Full
-
160
-
°C
SUPPLY CURRENT
No-Load Supply Current
ICC
DI = 0V or VCC, EN = 1
Full
-
0.6
0.8
mA
Shutdown Supply Current
ISHDN
DI = 0V or VCC, All outputs disabled
(Note 15), SHDNEN = 1 (ISL32179E only)
Full
-
60
90
µA
ESD PERFORMANCE
RS-422 Pins (Y, Z)
IEC61000-4-2, From
Bus Pins to GND
Air Gap
25
-
±16.5
-
kV
Contact
25
-
±9
-
kV
Human Body Model, From Bus Pins to GND
25
-
±15
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
±12
-
kV
Machine Model
25
-
700
-
V
DRIVER SWITCHING CHARACTERISTICS (ISL32372E, ISL32374E, ISL32179E, 460kbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 820pF (see Figure 4)
Full
460
4000
-
kbps
Driver Single-Ended Output Delay
tPLH, tPHL RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
90
300
ns
Driver Single-Ended Output Skew
tSSK
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
55
150
ns
Ch-to-Ch Output Delay Skew
tSKCC
(Figure 2, Note 11)
Full
-
60
200
ns
Part-to-Part Output Delay Skew
tSKPP
(Figure 2, Note 8)
Full
-
-
300
ns
Driver Differential Output Skew
tDSK
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
2
60
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
60
100
220
ns
Driver Enable to Output High
tZH
SW = GND (see Figure 3, Note 12)
Full
-
-
200
ns
Driver Enable to Output Low
tZL
SW = VCC (see Figure 3, Note 12)
Full
-
-
200
ns
Driver Disable from Output High
tHZ
SW = GND (see Figure 3)
Full
-
-
100
ns
Driver Disable from Output Low
tLZ
SW = VCC (see Figure 3)
Full
-
-
100
ns
Driver Enable from SHDN to High
tSDH
ISL32179E Only, SW = GND
(see Figure 3, Note 13)
Full
-
-
750
ns
Driver Enable from SHDN to Low
tSDL
ISL32179E Only, SW = VCC
(see Figure 3, Note 13)
Full
-
-
750
ns
DRIVER SWITCHING CHARACTERISTICS (ISL32272E, ISL32274E, ISL32179E, 10Mbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 400pF (see Figure 4)
Full
10
20
-
Mbps
Driver Single-Ended Output Delay
tPLH, tPHL RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
13
25
ns
Driver Single-Ended Output Skew
tSSK
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
2
9
ns
Ch-to-Ch Output Delay Skew
tSKCC
(Figure 2, Note 11)
Full
-
6
12
ns
Part-to-Part Output Delay Skew
tSKPP
(Figure 2, Note 8)
Full
-
-
20
ns
Driver Differential Output Skew
tDSK
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
2
6
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
7
11
20
ns
Driver Enable to Output High
tZH
SW = GND (see Figure 3, Note 12)
Full
-
-
20
ns
Driver Enable to Output Low
tZL
SW = VCC (see Figure 3, Note 12)
Full
-
-
20
ns
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V and 4.5V to 5.5V; VL = VCC (ISL32179E only); Typicals are at VCC = 3.3V
or VCC = 5V, TA = +25°C; Unless Otherwise Specified.(Notes 6, 10) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 9)
TYP
MAX
(Note 9) UNITS
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Similar Part No. - ISL32172EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172EIBZ RENESAS-ISL32172EIBZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32172EIBZ-T RENESAS-ISL32172EIBZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Similar Description - ISL32172EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com