Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN02N011Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN02N011Y
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02N011Y Datasheet(HTML) 2 Page - STMicroelectronics

  VN02N011Y Datasheet HTML 1Page - STMicroelectronics VN02N011Y Datasheet HTML 2Page - STMicroelectronics VN02N011Y Datasheet HTML 3Page - STMicroelectronics VN02N011Y Datasheet HTML 4Page - STMicroelectronics VN02N011Y Datasheet HTML 5Page - STMicroelectronics VN02N011Y Datasheet HTML 6Page - STMicroelectronics VN02N011Y Datasheet HTML 7Page - STMicroelectronics VN02N011Y Datasheet HTML 8Page - STMicroelectronics VN02N011Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Uni t
V(BR)DSS
Drain-Source Breakdown Voltage
60
V
IOUT
Output Current (cont.)
6
A
IR
Reverse Output Current
-6
A
IIN
I nput Current
±10
mA
-VCC
Reverse Supply Voltage
-4
V
ISTAT
St atus Current
±10
mA
VESD
Electrost atic Discharge (1.5 k
Ω, 100 pF)
2000
V
Ptot
Power Dissipat ion at Tc
≤ 25 oC29
W
Tj
Junction Operating Temperature
-40 to 150
oC
Tstg
St orage Temperat ure
-55 to 150
oC
CONNECTION DIAGRAM
CURRENT AND VOLTAGE CONVENTIONS
VN02N
2/11


Similar Part No. - VN02N011Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
   High side smart power solid state relay
VN02NPT STMICROELECTRONICS-VN02NPT Datasheet
310Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02NSP STMICROELECTRONICS-VN02NSP Datasheet
310Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results

Similar Description - VN02N011Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
   High side smart power solid state relay
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
   High side smart power solid state relay
VN05NSP STMICROELECTRONICS-VN05NSP Datasheet
97Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com