Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R0520802VXC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 5962R0520802VXC
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962R0520802VXC Datasheet(HTML) 2 Page - ATMEL Corporation

  5962R0520802VXC Datasheet HTML 1Page - ATMEL Corporation 5962R0520802VXC Datasheet HTML 2Page - ATMEL Corporation 5962R0520802VXC Datasheet HTML 3Page - ATMEL Corporation 5962R0520802VXC Datasheet HTML 4Page - ATMEL Corporation 5962R0520802VXC Datasheet HTML 5Page - ATMEL Corporation 5962R0520802VXC Datasheet HTML 6Page - ATMEL Corporation 5962R0520802VXC Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
4247DS–SCR–03/07
AT83C21GC
The connection with the host processor is achieved via a serial asynchronous link; the rate can
be selected from a range from 1200 to 115,200 bps.
The software inside the GemCore chip handles a communication protocol with the host system
called the Gemplus Block Protocol (GBP).
A c o m p l e t e s e t o f d o c u m e n t a t i o n i s a v a i l a b l e o n t h e G e m p l u s w e b s i t e :
http://www.gemplus.com.
A GBP Interface Library Kit can be provided, upon request. It consists of the source code of the
GBP communication layer between the host and GemCore. It is written in the C language. See
the Gemplus developers’ site at www.gemplus.com. Enquiries can also be posted to
cardreader@atmel.com.
For general information on the device, please refer to the AT83C5121 datasheet available on
the Atmel web site, www.atmel.com.


Similar Part No. - 5962R0520802VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962R0520802VXC ATMEL-5962R0520802VXC Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - 5962R0520802VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com