Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32272EIVZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL32272EIVZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32272EIVZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL32272EIVZ Datasheet HTML 1Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 2Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 3Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 4Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 5Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 6Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 7Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 8Page - Intersil Corporation ISL32272EIVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN6824.0
December 16, 2008
Typical Operating Circuits (1 of 4 Channels Shown)
NETWORK USING GROUP ENABLES
NETWORK USING PAIRED ENABLES
NETWORK WITH VL PIN FOR INTERFACING TO LOWER VOLTAGE LOGIC DEVICES
0.1µF
+
R
2
1
16
3
12
8
VCC
GND
RO
EN
B
A
+3.3V TO 5V
0.1µF
+
D
VCC
GND
EN
DI
Z
Y
RT
+3.3V TO 5V
ISL32x73E
ISL32x72E
1
4
8
3
2
16
EN 12
EN
4
0.1µF
+
R
2
1
16
3
8
VCC
GND
RO1
B1
A1
+3.3V TO 5V
0.1µF
+
D
VCC
GND
EN12
DI1
Z1
Y1
RT
+3.3V TO 5V
ISL32x75E
ISL32x74E
4
1
8
3
2
4
EN12
16
0.1µF
+
R
24
23
22
1
2
10
VCC
GND
RO1
EN1
B1
A1
+3.3V TO 5V
0.1µF
+
D
1
24
21
4
23
9
VCC
GND
EN
DI
Z
Y
RT
+3.3V TO 5V
ISL32x77E
ISL32179E
20
VL
2.5V
21
VL
1.8V
VCC
LOGIC
DEVICE
UART)
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
2,3,15,16
EN1-EN4
14
EN
22
SHDNEN
4 EN
15 EN
9 SHDNEN
USING INDIVIDUAL CHANNEL ENABLES AND
CONFIGURED FOR LOWEST SHDN SUPPLY CURRENT
USING ACTIVE HIGH GROUP ENABLE AND
CONFIGURED FOR LOWEST SHDN SUPPLY CURRENT
NOTE: POWER-UP VCC BEFORE VL
NOTE: POWER-UP VCC BEFORE VL
µP, ASIC,
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Similar Part No. - ISL32272EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32272E RENESAS-ISL32272E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ RENESAS-ISL32272EFBZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ-T RENESAS-ISL32272EFBZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFVZ RENESAS-ISL32272EFVZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFVZ-T RENESAS-ISL32272EFVZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Similar Description - ISL32272EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com