Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51ID2-SLSUM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C51ID2-SLSUM
Description  8-bit Flash Microcontroller
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-SLSUM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C51ID2-SLSUM Datasheet HTML 4Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 5Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 6Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 7Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 8Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 9Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 10Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 11Page - ATMEL Corporation AT89C51ID2-SLSUM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 157 page
background image
8
AT89C51ID2
4289C–8051–11/05
Table 11. Two-Wire Interface Controller SFRs
Mnemonic
Add
Name
765432
10
SSCON
93h
Synchronous Serial control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSCS
94h
Synchronous Serial Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial Data
SSD7
SSD6
SSD5
SSD4
SSD3
SSD2
SSD1
SSD0
SSADR
96h
Synchronous Serial Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC
Table 12. Keyboard Interface SFRs
Mnemonic
Add
Name
765432
10
KBLS
9Ch
Keyboard Level Selector
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
KBE
9Dh
Keyboard Input Enable
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
KBF
9Eh
Keyboard Flag Register
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
Table 13. EEPROM data Memory SFR
Mnemonic
Add
Name
765432
10
EECON
D2h
EEPROM Data Control
EEE
EEBUSY


Similar Part No. - AT89C51ID2-SLSUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ID2-SLSIM ATMEL-AT89C51ID2-SLSIM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-SLSIM ATMEL-AT89C51ID2-SLSIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results

Similar Description - AT89C51ID2-SLSUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
   8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
logo
Microchip Technology
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
   8-Pin, 8-Bit Flash Microcontroller
2007
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   FLASH 8-bit C51 Microcontroller
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com