Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51ID2-UM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51ID2-UM
Description  8-bit Flash Microcontroller
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-UM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51ID2-UM Datasheet HTML 7Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 8Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 9Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 10Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 11Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 12Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 13Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 14Page - ATMEL Corporation AT89C51ID2-UM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
11
AT89C51ID2
4289C–8051–11/05
Table 15. Pin Description
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44
V
SS
22
16
I
Ground: 0V reference
V
CC
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-down opera-
tion
P0.0 - P0.7
43 - 36
37 - 30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high impedance inputs. Port 0 must be polarized to V
CC or
V
SS in order to prevent any parasitic current consumption. Port 0 is also the multiplexed
low-order address and data bus during access to external program and data memory. In
this application, it uses strong internal pull-up when emitting 1s. Port 0 also inputs the code
bytes during EPROM programming. External pull-ups are required during program verifica-
tion during which P0 outputs the code bytes.
P1.0 - P1.7
2 - 9
40 - 44
1 - 3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As
inputs, Port 1 pins that are externally pulled low will source current because of the internal
pull-ups. Port 1 also receives the low-order address byte during memory programming and
verification.
Alternate functions for AT89C51ID2 Port 1 include:
2
40
I/O
P1.0: Input/Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
I
XTALB1 (P1.0): Sub Clock input to the inverting oscillator amplifier
3
41
I/O
P1.1: Input/Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
4
42
I/O
P1.2: Input/Output
I
ECI: External Clock for the PCA
5
43
I/O
P1.3: Input/Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
6
44
I/O
P1.4: Input/Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
7
1
I/O
P1.5: Input/Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave peripheral. When SPI is in
slave mode, MISO outputs data to the master controller.
8
2
I/O
P1.6: Input/Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
I/O
SCK: SPI Serial Clock
9
3
I/O
P1.7: Input/Output:
I/O
CEX4: Capture/Compare External I/O for PCA module 4


Similar Part No. - AT89C51ID2-UM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RDTIM ATMEL-AT89C51ID2-RDTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ID2-SLSIM ATMEL-AT89C51ID2-SLSIM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results

Similar Description - AT89C51ID2-UM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
   8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
logo
Microchip Technology
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
   8-Pin, 8-Bit Flash Microcontroller
2007
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   FLASH 8-bit C51 Microcontroller
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com