Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51IC2-RLTUL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89C51IC2-RLTUL
Description  8-bit Flash Microcontroller with 2-wire Interface
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-RLTUL Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89C51IC2-RLTUL Datasheet HTML 1Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 2Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 3Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 4Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 5Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 6Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 7Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 8Page - ATMEL Corporation AT89C51IC2-RLTUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
5
AT89C51IC2
4301D–8051–02/08
Table 2. C51 Core SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
DPL
82h
Data Pointer Low byte
DPH
83h
Data Pointer High byte
Table 3. System Management SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
PCON
87h
Power Control
SMOD1
SMOD0
-
-
GF1
GF0
PD
IDL
AUXR
8Eh
Auxiliary Register 0
-
-
M0
XRS1
XRS0
EXTRA
M
AO
AUXR1
A2h
Auxiliary Register 1
-
-
ENBOO
T
-
GF3
0
-
DPS
CKRL
97h
Clock Reload Register
-
-
-
-
-
-
-
-
CKSEL
85h
Clock Selection Register
-
-
-
-
-
-
-
CKS
OSCON
86h
Oscillator Control Register
-
-
-
-
-
SCLKT0
OscBEn
OscAEn
CKCKON0
8Fh
Clock Control Register 0
TWIX2
WDTX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
CKCKON1
AFh
Clock Control Register 1
-
-
-
-
-
-
-
SPIX2
Table 4. Interrupt SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
IEN0
A8h
Interrupt Enable Control 0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
IEN1
B1h
Interrupt Enable Control 1
-
-
-
-
-
ESPI
ETWI
KBD
IPH0
B7h
Interrupt Priority Control High 0
-
PPCH
PT2H
PHS
PT1H
PX1H
PT0H
PX0H
IPL0
B8h
Interrupt Priority Control Low 0
-
PPCL
PT2L
PLS
PT1L
PX1L
PT0L
PX0L
IPH1
B3h
Interrupt Priority Control High 1
-
-
-
-
-
SPIH
TWIH
KBDH
IPL1
B2h
Interrupt Priority Control Low 1
-
-
-
-
-
SPIL
TWIL
KBDL


Similar Part No. - AT89C51IC2-RLTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2-RLTIL ATMEL-AT89C51IC2-RLTIL Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2-RLTIL ATMEL-AT89C51IC2-RLTIL Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2-RLTIM ATMEL-AT89C51IC2-RLTIM Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2-RLTIM ATMEL-AT89C51IC2-RLTIM Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results

Similar Description - AT89C51IC2-RLTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 89P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com