Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27541DRZR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27541DRZR
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27541DRZR Datasheet(HTML) 4 Page - Texas Instruments

  BQ27541DRZR Datasheet HTML 1Page - Texas Instruments BQ27541DRZR Datasheet HTML 2Page - Texas Instruments BQ27541DRZR Datasheet HTML 3Page - Texas Instruments BQ27541DRZR Datasheet HTML 4Page - Texas Instruments BQ27541DRZR Datasheet HTML 5Page - Texas Instruments BQ27541DRZR Datasheet HTML 6Page - Texas Instruments BQ27541DRZR Datasheet HTML 7Page - Texas Instruments BQ27541DRZR Datasheet HTML 8Page - Texas Instruments BQ27541DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
POWER-ON RESET
2.5 V LDO REGULATOR
(1)
INTERNAL TEMPERATURE SENSOR CHARACTERISTICS
HIGH FREQUENCY OSCILLATOR
bq27541
SLUS861 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TA = –40°C to 85°C, C(REG) = 0.47µF, 2.45 V < V(REGIN) = VBAT < 5.5 V; typical values at TA = 25°C and V(REGIN) = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going battery voltage input at VCC
2.05
2.20
2.31
V
VHYS
Power-on reset hysteresis
45
115
185
mV
TA = –40°C to 85°C, C(REG) = 0.47 µF, 2.45 V < V(REGIN) = VBAT < 5.5 V; typical values at TA = 25°C and V(REGIN) = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
2.7 V
≤ V(REGIN) ≤ 5.5 V,
TA = –40°C to 85°C
2.42
2.48
2.57
V
IOUT ≤ 16mA
Regulator output voltage,
VO
REG25
2.45 V
≤ V(REGIN) < 2.7 V (low
TA = –40°C to 85°C
2.4
V
battery), IOUT ≤ 3mA
2.7 V, IOUT ≤ 16 mA
280
VDO
Regulator dropout voltage
TA = –40°C to 85°C
mV
2.45 V, IOUT ≤ 3 mA
50
V(REGIN) = 3.6 V,
Regulator output change
ΔV(REGTEMP)
TA = –40°C to 85°C
0.3%
with temperature
IOUT = 16 mA
ΔV(REGLINE)
Line regulation
2.7 V
≤ V(REGIN) ≤ 5.5 V, IOUT = 16 mA
11
25
mV
0.2 mA
≤ IOUT ≤ 3 mA, V(REGIN) = 2.45 V
34
40
ΔV(REGLOAD)
Load regulation
mV
3 mA
≤ IOUT ≤ 16 mA, V(REGIN) = 2.7 V
31
IOS
(2)
Short circuit current limit
V(REG25) = 0 V,
TA = –40°C to 85°C
250
mA
(1)
LDO output current, IOUT, is the sum of internal and external load currents.
(2)
Specified by design. Not production tested.
TA = –40°C to 85°C, C(REG) = 0.47µF, 2.45 V < V(REGIN) = VBAT < 5.5 V; typical values at TA = 25°C and V(REGIN) = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G(TEMP)
Temperature sensor voltage gain
–2
mV/°C
TA = –40°C to 85°C, C(REG) = 0.47µF, 2.45 V < V(REGIN) = VBAT < 5.5 V; typical values at TA = 25°C and V(REGIN) = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2.0%
0.38%
2.0%
fEIO
Frequency error(1) (2)
TA = –20°C to 70°C
–3.0%
0.38%
3.0%
TA = –40°C to 85°C
-4.5%
0.38%
4.5%
tSXO
Start-up time(3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3% of typical oscillator frequency.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq27541


Similar Part No. - BQ27541DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27541DRZR-G1 TI1-bq27541DRZR-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI-BQ27541DRZR-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI-BQ27541DRZR-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI-BQ27541DRZR-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI1-BQ27541DRZR-V200 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27541DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com