Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27541DRZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27541DRZR
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27541DRZR Datasheet(HTML) 2 Page - Texas Instruments

  BQ27541DRZR Datasheet HTML 1Page - Texas Instruments BQ27541DRZR Datasheet HTML 2Page - Texas Instruments BQ27541DRZR Datasheet HTML 3Page - Texas Instruments BQ27541DRZR Datasheet HTML 4Page - Texas Instruments BQ27541DRZR Datasheet HTML 5Page - Texas Instruments BQ27541DRZR Datasheet HTML 6Page - Texas Instruments BQ27541DRZR Datasheet HTML 7Page - Texas Instruments BQ27541DRZR Datasheet HTML 8Page - Texas Instruments BQ27541DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
DEVICE INFORMATION
AVAILABLE OPTIONS
1
REGIN
2
BAT
3
4
5
Vcc
6
Vss
TS
SE
12
11
10
9
SRN
8
SRP
7
REG25
SCL
SDA
HDQ
bq27541
SLUS861 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PART NUMBER
PACKAGE
TA
COMMUNICATION
TAPE and REEL
FORMAT
QUANTITY
bq27541DRZR
3000
12-pin, 2,5-mm × 4-mm SON
–40°C to 85°C
I2C, HDQ(1)
bq27541DRZT
250
(1)
bq27541 is shipped in I2C mode
bq27541
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
TYPE(1)
BAT
4
I
Cell-voltage measurement input. ADC input. Decouple with 0.1
µF capacitor.
REG25
2
P
2.5V output voltage of the internal integrated LDO. Connect a minimum 0.47
µF ceramic capacitor.
REGIN
3
P
The input voltage for the internal integrated LDO. Connect a 0.1
µF ceramic capacitor.
SCL
11
I
Slave I2C serial communications clock input line for communication with system (Slave). Use with 10 k
pull-up resistor (typical).
SDA
10
I/O
Slave I2C serial communications data line for communication with system (Slave). Open-drain I/O. Use
with 10 k
Ω pull-up resistor (typical).
SE
1
O
Shutdown Enable output. Open-drain.
HDQ
12
I/O
HDQ serial communications line (Slave). Open-drain.
SRN
8
IA
Analog input pin connected to the internal coulomb counter where SRN is nearest the PACK- connection.
Connect to 5-m
Ω to 20-mΩ sense resistor.
SRP
7
IA
Analog input pin connected to the internal coulomb counter where SRP is nearest the CELL- connection.
Connect to 5-m
Ω to 20-mΩ sense resistor
TS
9
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
Vcc
5
P
Processor power input. The minimum 0.47
µF capacitor connected to REG25 should be close to Vcc.
Vss
6
P
Device ground
(1)
I/O = Digital input/output, IA = Analog input, P = Power connection
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq27541


Similar Part No. - BQ27541DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27541DRZR-G1 TI1-bq27541DRZR-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI-BQ27541DRZR-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI-BQ27541DRZR-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI-BQ27541DRZR-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZR-V200 TI1-BQ27541DRZR-V200 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27541DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com