Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP910 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP910
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP910 Datasheet(HTML) 4 Page - Altera Corporation

  EP910 Datasheet HTML 1Page - Altera Corporation EP910 Datasheet HTML 2Page - Altera Corporation EP910 Datasheet HTML 3Page - Altera Corporation EP910 Datasheet HTML 4Page - Altera Corporation EP910 Datasheet HTML 5Page - Altera Corporation EP910 Datasheet HTML 6Page - Altera Corporation EP910 Datasheet HTML 7Page - Altera Corporation EP910 Datasheet HTML 8Page - Altera Corporation EP910 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
748
Altera Corporation
Classic EPLD Family Data Sheet
The eight product terms of the programmable-AND array feed the 8-input
OR
gate, which then feeds one input to an XOR gate. The other input to the
XOR
gate is connected to a programmable bit that allows the array output
to be inverted. Altera’s MAX+PLUS II software uses the XOR gate to
implement either active-high or active-low logic, or De Morgan’s
inversion to reduce the number of product terms needed to implement a
function.
Programmable Registers
To implement registered functions, each macrocell register can be
individually programmed for D, T, JK, or SR operation. If necessary, the
register can be bypassed for combinatorial operation. During design
compilation, the MAX+PLUS II software selects the most efficient register
operation for each registered function to minimize the logic resources
needed by the design. Registers have an individual asynchronous clear
function that is controlled by a dedicated product term. These registers
are cleared automatically during power-up.
In addition, macrocell registers can be individually clocked by either a
global clock or any input or feedback path to the AND array. Altera’s
proprietary programmable I/O architecture allows the designer to
program output and feedback paths for combinatorial or registered
operation in both active-high and active-low modes. These features make
it possible to simultaneously implement a variety of logic functions.
Output Enable/Clock Select
Figure 2 shows the two operating modes (Modes 0 and 1) provided by the
output enable/clock (OE/CLK) select. The OE/CLK select, which is
controlled by a single programmable bit, can be individually configured
for each macrocell. In Mode 0, the tri-state output buffer is controlled by
a single product term. If the output enable is high, the output buffer is
enabled. If the output enable is low, the output has a high-impedance
value. In Mode 0, the macrocell flipflop is clocked by its global clock input
signal.
In Mode 1, the output enable buffer is always enabled, and the macrocell
register can be triggered by an array clock signal generated by a product
term. This mode allows registers to be individually clocked by any signal
on the AND array. With both true and complement signals in the AND array,
the register can be configured to trigger on a rising or falling edge. This
product-term-controlled clock configuration also supports gated clock
structures.


Similar Part No. - EP910

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP910 ALTERA-EP910 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
PCA ELECTRONICS INC.
EP9100 PCA-EP9100 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9100(-RC) PCA-EP9100(-RC) Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9100-RC PCA-EP9100-RC Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9101 PCA-EP9101 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP910

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
logo
ATMEL Corporation
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com