Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5282 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5282
Description  Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5282 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5282_05 Datasheet HTML 7Page - ATMEL Corporation ATA5282_05 Datasheet HTML 8Page - ATMEL Corporation ATA5282_05 Datasheet HTML 9Page - ATMEL Corporation ATA5282_05 Datasheet HTML 10Page - ATMEL Corporation ATA5282_05 Datasheet HTML 11Page - ATMEL Corporation ATA5282_05 Datasheet HTML 12Page - ATMEL Corporation ATA5282_05 Datasheet HTML 13Page - ATMEL Corporation ATA5282_05 Datasheet HTML 14Page - ATMEL Corporation ATA5282_05 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
4694E–AUTO–08/05
ATA5282
3.9
Data Output
The wake-up signal enables the data pin that delivers the received and demodulated data
stream to the controller. Sampling and decoding has to be performed by the controller. An
example for data coding is given in the “n Bit Data” field (Figure 3-7 on page 10). This kind of
modulation requires an indication of the end of data, for example, by a burst that differs from
the other transmitted bits. As the circuit does not check the received data (except the header),
it is up to the base station which kind of modulation (pulse distance, Manchester, bi-phase...)
is used.
The data output signal is derived from the internal GAP detection. Table 3-1 describes how the
timing depends on different conditions of the applied input signal. The Q-factor of the external
LC-tank as well as the signal strength influence the pulse width of the output signal.
Figure 3-8.
Output Timing Conditions
a
c
d
b
50%
100%
Internal
NGAP
Internal
comporator
output
Coil
input
a + b = Data delay time t
ON
c + d = Data delay time t
OFF
Table 3-1.
Typical Output Timing versus Signal Strength at 3.2V Supply Voltage
Input Signal
a, c
(Figure 3-8)
b (Periods)
d (Periods)
no Q
Q
≤14
Q
≤20
no Q
Q
≤14
Q
≤20
Minimum, 2.8 mV
PP
Depends on
Q-factor
3 to 5
4 to 6
5 to 7
3 to 5
4 to 6
4 to 6
Medium, VCI < 2.8VPP
3 to 5
4 to 6
5 to 7
3 to 5
4 to 6
4 to 6
Strong, VCI ≥ 2.8VPP
3 to 5
3 to 5
3 to 5
3 to 5
4 to 6
4 to 6


Similar Part No. - ATA5282_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
More results

Similar Description - ATA5282_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
   3D Low Power Wake-up Receiver
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
   3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283 Datasheet
233Kb / 14P
   Interface IC for 125 kHz Wake-up Function
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
   Interface IC for 125 kHz Wake-up Function
logo
Infineon Technologies A...
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
   Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
   Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
logo
ams AG
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
   3D Low Power Wakeup Receiver
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com