Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5282-6APH Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA5282-6APH
Description  Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5282-6APH Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA5282-6APH Datasheet HTML 1Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 2Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 3Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 4Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 5Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 6Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 7Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 8Page - ATMEL Corporation ATA5282-6APH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
4694E–AUTO–08/05
ATA5282
3.
Functional Description
The ATA5282 is a 3-channel ASK receiver for 125-kHz carrier signals. Its three active input
stages with very low power consumption and high input sensitivity allow to connect up to 3
antennas for direction-independent wake-up function and data transfer.
Without a carrier signal the ATA5282 operates in standby listen mode. In this mode, it moni-
tors the 3 Coil inputs with a very low current consumption. To activate the IC and the
connected control unit, the transmitting end must send a preamble carrier burst and the
header code. When a preamble has been detected, the IC activates the internal oscillator and
the header check. The last gap at the end of a valid header enables the NDATA output.
During data transfer, the NDATA pin outputs the demodulated and merged signal of the 3
input stages.
To achieve data rates up to 4 kbps for input signals from 2.8 mV
PP to 2.8VPP it is necessary to
control the gain of the amplifiers. Each of the 3 input stages contain an amplifier with Auto-
matic Gain Control (AGC). It is used to adapt the gain to the incoming signal strength, and is
also used as RSSI for field strength measurements.
The integrated synchronous serial interface uses the NSCL together with the NDATA pin as
clock and data line. It allows to control several functions as well as read out the received signal
field strength. Enabling only single coil inputs, freezing the actual status of the automatic gain
control or resetting the complete circuit to the initial state at any time are built-in features.
When communication is finished or a time out event occurs, the internal watchdog timer or
reset command via the serial interface sets the IC to standby listen mode.


Similar Part No. - ATA5282-6APH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
More results

Similar Description - ATA5282-6APH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
   3D Low Power Wake-up Receiver
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
   3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283 Datasheet
233Kb / 14P
   Interface IC for 125 kHz Wake-up Function
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
   Interface IC for 125 kHz Wake-up Function
logo
Infineon Technologies A...
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
   Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
   Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
logo
ams AG
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
   3D Low Power Wakeup Receiver
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com