Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5746 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5746
Description  UHF ASK/FSK Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5746 Datasheet HTML 4Page - ATMEL Corporation ATA5746 Datasheet HTML 5Page - ATMEL Corporation ATA5746 Datasheet HTML 6Page - ATMEL Corporation ATA5746 Datasheet HTML 7Page - ATMEL Corporation ATA5746 Datasheet HTML 8Page - ATMEL Corporation ATA5746 Datasheet HTML 9Page - ATMEL Corporation ATA5746 Datasheet HTML 10Page - ATMEL Corporation ATA5746 Datasheet HTML 11Page - ATMEL Corporation ATA5746 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
4596B–RKE–06/07
ATA5745/ATA5746 [Preliminary]
Figure 2-2.
Measured Sensitivity (315 MHz, ASK, 2.4 Kbits/s, Manchester) Versus Fre-
quency Offset
Figure 2-3.
Measured Sensitivity (315 MHz, ASK, 9.6 Kbits/s, Manchester) Versus Fre-
quency Offset
Input Sensitivity (dBm) at BER < 1e-3, ATA5746, ASK, 2.4 Kbits/s (Manchester),
BR = 0
-118.00
-117.00
-116.00
-115.00
-114.00
-113.00
-112.00
-111.00
-110.00
-109.00
-108.00
-107.00
-106.00
-105.00
-104.00
-103.00
-300
-200
-100
0
100
200
300
delta RF (kHz) at 315 MHz
2.7V / -40˚C
3.0V / -40˚C
3.3V / -40˚C
2.7V / 27˚C
3.0V / 27˚C
3.3V / 27˚C
2.7V / 105˚C
3.0V / 105˚C
3.3V / 105˚C
Input Sensitivity (dBm) at BER < 1e-3, ATA5746, ASK, 9.6 Kbits/s (Manchester),
BR = 2
-115.00
-114.00
-113.00
-112.00
-111.00
-110.00
-109.00
-108.00
-107.00
-106.00
-105.00
-104.00
-103.00
-102.00
-101.00
-100.00
-300
-200
-100
0
100
200
300
delta RF (kHz) at 315 MHz
2.7V / -40˚C
3.0V / -40˚C
3.3V / -40˚C
2.7V / 27˚C
3.0V / 27˚C
3.3V / 27˚C
2.7V / 105˚C
3.0V / 105˚C
3.3V / 105˚C


Similar Part No. - ATA5746

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5746C ATMEL-ATA5746C_14 Datasheet
1Mb / 42P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5746

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com