Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6139AUS Datasheet(PDF) 2 Page - Semtech Corporation

Part # 1N6139AUS
Description  1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6139AUS Datasheet(HTML) 2 Page - Semtech Corporation

  1N6139AUS Datasheet HTML 1Page - Semtech Corporation 1N6139AUS Datasheet HTML 2Page - Semtech Corporation 1N6139AUS Datasheet HTML 3Page - Semtech Corporation 1N6139AUS Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
 2006 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N6138US thru 1N6173US
1N6139AUS thru 1N6173AUS
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
1
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P
S
m
1
=
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
tl
o
VA
ms
tl
o
VA
µs
tl
o
Vs
p
m
AC
°
/
%A
µ
8
4
1
6
N
12
.
6
15
67
.
3
10
13
.
6
20
.
7
55
8
0
.
00
0
4
A
8
4
1
6
N
11
.
7
15
67
.
3
10
11
.
5
28
.
9
55
8
0
.
00
0
4
9
4
1
6
N
10
.
8
15
62
.
5
15
0
.
9
27
.
1
55
8
0
.
00
0
4
A
9
4
1
6
N
10
.
9
15
62
.
5
15
7
.
7
22
.
4
55
8
0
.
00
0
4
0
5
1
6
N
18
.
9
10
57
.
6
15
9
.
1
30
.
7
45
8
0
.
00
0
4
A
0
5
1
6
N
19
.
0
20
57
.
6
15
5
.
0
32
.
9
45
8
0
.
00
0
4
1
5
1
6
N
16
.
1
20
52
.
8
15
8
.
4
31
.
3
49
0
.
00
0
4
A
1
5
1
6
N
18
.
2
20
52
.
8
15
3
.
3
30
.
5
49
0
.
00
0
4
2
5
1
6
N
13
.
4
20
56
.
0
25
2
.
9
33
.
8
39
0
.
00
0
4
A
2
5
1
6
N
17
.
5
20
56
.
0
25
4
.
7
31
.
0
49
0
.
00
0
4
3
5
1
6
N
10
.
7
20
48
.
2
25
6
.
3
44
.
4
39
0
.
00
0
4
A
3
5
1
6
N
15
.
8
20
48
.
2
25
6
.
1
40
.
6
39
0
.
00
0
4
4
5
1
6
N
17
.
9
20
41
.
5
25
9
.
7
43
.
1
35
9
0
.
00
0
4
A
4
5
1
6
N
14
.
1
30
41
.
5
25
7
.
5
48
.
2
35
9
0
.
00
0
4
5
5
1
6
N
14
.
2
30
34
.
7
25
3
.
2
57
.
8
25
9
0
.
00
0
4
A
5
5
1
6
N
12
.
4
30
34
.
7
25
9
.
9
41
.
0
35
9
0
.
00
0
4
6
5
1
6
N
11
.
5
30
37
.
9
25
2
.
6
57
.
6
25
9
0
.
00
0
4
A
6
5
1
6
N
11
.
7
30
37
.
9
25
6
.
3
50
.
8
25
9
0
.
00
0
4
7
5
1
6
N
17
.
8
30
37
.
2
35
0
.
2
62
.
4
25
9
0
.
00
0
4
A
7
5
1
6
N
19
.
0
40
37
.
2
35
1
.
9
54
.
5
25
9
0
.
00
0
4
8
5
1
6
N
13
.
2
45
28
.
5
35
7
.
7
62
.
2
25
9
0
.
00
0
4
A
8
5
1
6
N
17
.
4
45
28
.
5
35
6
.
4
62
.
3
25
9
0
.
00
0
4
9
5
1
6
N
19
.
5
45
28
.
8
35
5
.
3
74
.
0
25
9
0
.
00
0
4
A
9
5
1
6
N
15
.
8
45
28
.
8
35
1
.
0
74
.
1
25
9
0
.
00
0
4
0
6
1
6
N
14
.
0
50
26
.
2
45
7
.
0
86
.
8
15
9
0
.
00
0
4
A
0
6
1
6
N
12
.
3
50
26
.
2
45
0
.
7
75
.
9
15
9
0
.
00
0
4
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.


Similar Part No. - 1N6139AUS

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6139AUS SENSITRON-1N6139AUS Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Microsemi Corporation
1N6139AUS MICROSEMI-1N6139AUS Datasheet
513Kb / 7P
   Voidless Hermetically Sealed Surface Mount Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1N6139AUS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6138US SEMTECH-1N6138US_10 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com