Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5756 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5756
Description  UHF ASK/FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5756 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5756_08 Datasheet HTML 4Page - ATMEL Corporation ATA5756_08 Datasheet HTML 5Page - ATMEL Corporation ATA5756_08 Datasheet HTML 6Page - ATMEL Corporation ATA5756_08 Datasheet HTML 7Page - ATMEL Corporation ATA5756_08 Datasheet HTML 8Page - ATMEL Corporation ATA5756_08 Datasheet HTML 9Page - ATMEL Corporation ATA5756_08 Datasheet HTML 10Page - ATMEL Corporation ATA5756_08 Datasheet HTML 11Page - ATMEL Corporation ATA5756_08 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
4702J–RKE–09/08
ATA5756/ATA5757
Figure 4-4.
Timing ASK Mode with ENABLE Connected to the Microcontroller
4.3
Accuracy of Frequency Deviation
The accuracy of the frequency deviation using the XTAL pulling method is about
±20% if the fol-
lowing tolerances are considered. One important aspect is that the values of C
0 and CM of typical
crystals are strongly correlated which reduces the tolerance of the frequency deviation.
Figure 4-5.
Tolerances of Frequency Modulation
Using a crystal with a motional capacitance of C
M = 4.37 fF ±15%, a nominal load capacitance of
C
LNOM = 18 pF and a parallel capacitance of C0 = 1.30 pF correlated with CM results in
C
0 = 297 × CM (the correlation has a tolerance of 10%, so C0 = 267 to 326 × CM). If using the
internal FSK switch with C
Switch = 0.9 pF ±20% and estimated parasites of CStray = 0.7 pF ±10%,
the resulting C
4 and C5 values are C4 = 10 pF ±1% and C5 = 15 pF ±1% for a nominal frequency
deviation of ±19.3 kHz with worst case tolerances of ±15.8 kHz to ±23.2 kHz.
FSK
CLK
Power-up,
PA off
ASK
ΔT
XTO
Power-down
Power-up,
PA on
(High)
> 250 µs
Power-down
Power-up,
PA off
(Low)
ENABLE
~
V
S
XTAL
C
M
L
M
R
S
C
0
C
Stray
C
4
C
5
Crystal equivalent circuit
C
Switch


Similar Part No. - ATA5756_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756-6DQ ATMEL-ATA5756-6DQ Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
ATA5756 ATMEL-ATA5756_14 Datasheet
937Kb / 19P
   UHF ASK/FSK Transmitter
More results

Similar Description - ATA5756_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com