Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR092 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 4Page - ATMEL Corporation ATAR092 Datasheet HTML 5Page - ATMEL Corporation ATAR092 Datasheet HTML 6Page - ATMEL Corporation ATAR092 Datasheet HTML 7Page - ATMEL Corporation ATAR092 Datasheet HTML 8Page - ATMEL Corporation ATAR092 Datasheet HTML 9Page - ATMEL Corporation ATAR092 Datasheet HTML 10Page - ATMEL Corporation ATAR092 Datasheet HTML 11Page - ATMEL Corporation ATAR092 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
8
4535E–4BMCU–05/07
ATAR092/ATAR892
4.2.5
I/O Bus
The I/O ports and the registers of the peripheral modules are I/O mapped. All communication
between the core and the on-chip peripherals takes place via the I/O bus and the associated I/O
control. With the MARC4 IN and OUT instructions the I/O bus allows a direct read or write
access to one of the 16 primary I/O addresses. More about the I/O access to the on-chip periph-
erals is described in the section “Peripheral Modules”. The I/O bus is internal and is not
accessible by the customer on the final microcontroller device, but it is used as the interface for
the MARC4 emulation (see also the section “Emulation”).
4.2.6
Instruction Set
The MARC4 instruction set is optimized for the high level programming language qFORTH.
Many MARC4 instructions are qFORTH words. This enables the compiler to generate a fast and
compact program code. The CPU has an instruction pipeline allowing the controller to prefetch
an instruction from ROM at the same time as the present instruction is being executed. The
MARC4 is a zero-address machine, the instructions contain only the operation to be performed
and no source or destination address fields. The operations are implicitly performed on the data
placed on the stack. There are one and two byte instructions which are executed within 1 to 4
machine cycles. A MARC4 machine cycle is made up of two system clock cycles (SYSCL). Most
of the instructions are only one byte long and are executed in a single machine cycle. For more
information refer to the “MARC4 Programmer’s Guide”.
4.2.7
Interrupt Structure
The MARC4 can handle interrupts with eight different priority levels. They can be generated
from the internal and external interrupt sources or by a software interrupt from the CPU itself.
Each interrupt level has a hard-wired priority and an associated vector for the service routine in
the ROM (see Figure 4-2 on page 10). The programmer can postpone the processing of inter-
rupts by resetting the interrupt enable flag (I) in the CCR. An interrupt occurrence will still be
registered, but the interrupt routine only started after the I flag is set. All interrupts can be
masked, and the priority individually software configured by programming the appropriate control
register of the interrupting module (see section “Peripheral Modules”).
4.2.7.1
Interrupt Processing
For processing the eight interrupt levels, the MARC4 includes an interrupt controller with two
8-bit wide interrupt pending and interrupt active registers. The interrupt controller samples all
interrupt requests during every non-I/O instruction cycle and latches these in the interrupt pend-
ing register. If no higher priority interrupt is present in the interrupt active register, it signals the
CPU to interrupt the current program execution. If the interrupt enable bit is set, the processor
enters an interrupt acknowledge cycle. During this cycle a short call (SCALL) instruction to the
service routine is executed and the current PC is saved on the return stack.
An interrupt service routine is completed with the RTI instruction. This instruction resets the cor-
responding bits in the interrupt pending/active register and fetches the return address from the
return stack to the program counter. When the interrupt enable flag is reset (triggering of inter-
rupt routines are disabled), the execution of new interrupt service routines is inhibited but not the
logging of the interrupt requests in the interrupt pending register. The execution of the interrupt
is delayed until the interrupt enable flag is set again. Note that interrupts are only lost if an inter-
rupt request occurs while the corresponding bit in the pending register is still set (i.e., the
interrupt service routine is not yet finished).


Similar Part No. - ATAR092

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092 ATMEL-ATAR092 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
44Kb / 3P
   MARC4 4-bit Microcontrollers
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C_14 Datasheet
1Mb / 108P
   Up to 7 External/Internal Interrupt Sources
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
   Low-current Microcontroller for Wireless Communication
ATAR090 ATMEL-ATAR090 Datasheet
912Kb / 75P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com