Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3PFR0 Datasheet(PDF) 3 Page - Semtech Corporation

Part # 3PFR0
Description  RECTIFIER, 1kV, 2.7A, 150ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3PFR0 Datasheet(HTML) 3 Page - Semtech Corporation

  3PFR0 Datasheet HTML 1Page - Semtech Corporation 3PFR0 Datasheet HTML 2Page - Semtech Corporation 3PFR0 Datasheet HTML 3Page - Semtech Corporation 3PFR0 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, 1kV, 2.7A, 150ns
3PFR0
January 7, 1998


Similar Part No. - 3PFR0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PF0 SEMTECH-3PF0 Datasheet
157Kb / 4P
   RECTIFIER, up to 1kV, 3.25A, 300ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
   RECTIFIER, up to 1kV, 3.25A, 300ns
3PFT05 SEMTECH-3PFT05 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
3PFT15 SEMTECH-3PFT15 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
More results

Similar Description - 3PFR0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFR0 SEMTECH-SFR0 Datasheet
175Kb / 4P
   RECTIFIER, 1kV, 1.6A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
   RECTIFIER, 1kV, 3.25A, 150ns
logo
GETAI ELECTRONICS DEVIC...
2CL2FH GETEDZ-2CL2FH_16 Datasheet
446Kb / 1P
   60mA 12Kv 150nS--High voltage silicon rectifier diode
logo
Semtech Corporation
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
   RECTIFIER, up to 1kV, 3.25A, 300ns
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF_16 Datasheet
446Kb / 1P
   60mA 8.0Kv 150nS--High voltage silicon rectifier diode
2CL2FJ GETEDZ-2CL2FJ_16 Datasheet
446Kb / 1P
   60mA 15Kv 150nS--High voltage silicon rectifier diode
2CL2FG GETEDZ-2CL2FG_16 Datasheet
447Kb / 1P
   60mA 10Kv 150nS--High voltage silicon rectifier diode
logo
Semtech Corporation
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
   RECTIFIER, up to 1kV, 2A, 2關s
logo
HTC Korea TAEJIN Techno...
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com