Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3PFT1 Datasheet(PDF) 3 Page - Semtech Corporation

Part # 3PFT1
Description  RECTIFIER, up to 200V, 4A, 30ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3PFT1 Datasheet(HTML) 3 Page - Semtech Corporation

  3PFT1 Datasheet HTML 1Page - Semtech Corporation 3PFT1 Datasheet HTML 2Page - Semtech Corporation 3PFT1 Datasheet HTML 3Page - Semtech Corporation 3PFT1 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 200V, 4A, 30ns
3PFT05
3PFT1
3PFT15
3PFT2
January 7, 1998


Similar Part No. - 3PFT1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PF0 SEMTECH-3PF0 Datasheet
157Kb / 4P
   RECTIFIER, up to 1kV, 3.25A, 300ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
   RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
   RECTIFIER, 1kV, 2.7A, 150ns
More results

Similar Description - 3PFT1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6079 SEMTECH-1N6079 Datasheet
150Kb / 4P
   RECTIFIER, up to 150V, 5A, 30ns
1N5807 SEMTECH-1N5807 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
1N6076 SEMTECH-1N6076 Datasheet
81Kb / 2P
   RECTIFIER, up to 150V, 3.1A, 30ns
1N6073 SEMTECH-1N6073 Datasheet
175Kb / 4P
   RECTIFIER, up to 150V, 1.8A, 30ns
2PFT05 SEMTECH-2PFT05 Datasheet
112Kb / 4P
   RECTIFIER, up to 200V, 2.6A, 25ns
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
   4A, 200V - 600V Ultra Fast Rectifier
logo
ON Semiconductor
MBRS4201T3 ONSEMI-MBRS4201T3 Datasheet
60Kb / 4P
   200V, 4A Schottky Fast Soft?뭃ecovery Power Rectifier
August, 2005 ??Rev. 2
MBRS4201T3 ONSEMI-MBRS4201T3_08 Datasheet
96Kb / 4P
   200V, 4A Schottky Fast Soft-Recovery Power Rectifier
August, 2008 ??Rev. 4
logo
Taiwan Semiconductor Co...
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
   4A, 200V - 600V Ultra Fast Surface Mount Rectifier
logo
Intersil Corporation
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
   4A, 200V Ultrafast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com