Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX50DF484I6N Datasheet(PDF) 5 Page - Altera Corporation

Part # EP1AGX50DF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50DF484I6N Datasheet(HTML) 5 Page - Altera Corporation

  EP1AGX50DF484I6N Datasheet HTML 1Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 2Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 3Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 4Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 5Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 6Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 7Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 8Page - Altera Corporation EP1AGX50DF484I6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 296 page
background image
Altera Corporation
1–3
May 2008
Arria GX Device Handbook, Volume 1
Features
Arria GX devices are available in space-saving FBGA packages (refer to
Table 1–2). All Arria GX devices support vertical migration within the
same package. With vertical migration support, designers can migrate to
devices whose dedicated pins, configuration pins, and power pins are the
same for a given package across device densities. For I/O pin migration
Source-
synchronous
receive
channels
31
31
31
31
31, 42
31
31
42
47
Source-
synchronous
transmit
channels
29
29
29
29
29, 42
29
29
42
45
M512 RAM
blocks (32 ×
18 bits)
166
197
313
326
478
M4K RAM
blocks (128 ×
36 bits)
118
140
242
252
400
M-RAM
blocks (4096
× 144 bits)
11
2
2
4
Total RAM
bits
1,229,184
1,348,416
2,475,072
2,528,640
4,477,824
Embedded
multipliers
(18 × 18)
40
56
104
128
176
DSP blocks
10
14
26
32
44
PLLs
4
4
4
4, 8
4
8
8
Maximum
user I/O pins
230, 341
230
341
229
350, 514
229
350
514
538
Table 1–1. Arria GX Device Features (Part 2 of 2)
Feature
EP1AGX20C
EP1AGX35C/D
EP1AGX50C/D
EP1AGX60C/D/E
EP1AGX90E
CC
D
C
D
C
D
E
E


Similar Part No. - EP1AGX50DF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50DF484I6N ALTERA-EP1AGX50DF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP1AGX50DF484I6N ALTERA-EP1AGX50DF484I6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX50DF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX_09 Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
List of Unclassifed Man...
AN209 ETC-AN209 Datasheet
151Kb / 14P
   Using Terminator Technology in Stratix & Stratix GX Devices
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com