Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E818AHF Datasheet(PDF) 4 Page - Semtech Corporation

Part # E818AHF
Description  Octal 18V Pin Electronics Driver/window Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E818AHF Datasheet(HTML) 4 Page - Semtech Corporation

  E818AHF Datasheet HTML 1Page - Semtech Corporation E818AHF Datasheet HTML 2Page - Semtech Corporation E818AHF Datasheet HTML 3Page - Semtech Corporation E818AHF Datasheet HTML 4Page - Semtech Corporation E818AHF Datasheet HTML 5Page - Semtech Corporation E818AHF Datasheet HTML 6Page - Semtech Corporation E818AHF Datasheet HTML 7Page - Semtech Corporation E818AHF Datasheet HTML 8Page - Semtech Corporation E818AHF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
 2004 Semtech Corp. / Rev. 5, 8/18/04
www .semtech.com
TEST AND MEASUREMENT PRODUCTS
Edge818
Circuit Description
Driver Description
The Edge818 supports programmable high and low levels
and tristate per channel.
There are no shared lines
between any drivers. The EN* and DATA signals are wide
voltage high impedance analog inputs capable of receiving
digital signals over a wide common mode range. VBB is
the high impedance analog input which sets the threshold
for EN* and DATA.
EN*, DATA
Status
> VBB
"1"
< VBB
"0"
With EN* high, the driver goes into a high impedance state.
With EN* low, DATA high forces the driver into a high state,
and DATA low forces the driver into a low state.
EN*
DATA
DOUT
1X
HiZ
01
VH
00
VL
Drive High and Low
VH and VL define the logical "1" and "0" levels of the driver,
and can be adjusted anywhere over the range determined
by VCC and VEE.
There are no restrictions between VH
and VL, other than they must remain within the power
supply levels.
VEE
≤ VH ≤ VCC
VEE
≤ VL ≤ VCC
The VH and VL inputs are unbuffered in that they also
provide the driver output current (see Figure 1), so the
source of VH and VL must have ample current drive
capability.
Figure 1. Simplified Model of the
Unbuffered Output Stage
Driver Output Protection
In a functional testing environment, where a resistor is
added in series with the driver output to create a 50
driver, the Edge818 can withstand a short to any legal
voltage for an indefinite amount of time.
In a low impedance application, with no additional output
resistance, the system should be designed to check for a
short circuit prior to connecting the driver, and tristate the
driver if a short is detected.
Receiver Description
The Edge818 supports a window comparator with
independent threshold levels per channel. There are no
shared comparator lines between channels. CVA and CVB
are high impedance analog voltage inputs which define
the threshold voltages for comparators A and B.
If VINP is more positive than CVA or CVB, QA and QB will
be high. Otherwise, QA and QB will be low.
VINP
QA
VINP
>
CVA
COMP HIGH
VINP
<
CVA
COMP LOW
VINP
QB
VINP
>
CVB
COMP HIGH
VINP
<
CVB
COMP LOW
VH
VL
DUT


Similar Part No. - E818AHF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
More results

Similar Description - E818AHF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com