Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDGE7725 Datasheet(PDF) 9 Page - Semtech Corporation

Part # EDGE7725
Description  900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE7725 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button EDGE7725 Datasheet HTML 5Page - Semtech Corporation EDGE7725 Datasheet HTML 6Page - Semtech Corporation EDGE7725 Datasheet HTML 7Page - Semtech Corporation EDGE7725 Datasheet HTML 8Page - Semtech Corporation EDGE7725 Datasheet HTML 9Page - Semtech Corporation EDGE7725 Datasheet HTML 10Page - Semtech Corporation EDGE7725 Datasheet HTML 11Page - Semtech Corporation EDGE7725 Datasheet HTML 12Page - Semtech Corporation EDGE7725 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
TEST AND MEASUREMENT PRODUCTS
©2006 Semtech Corp. , Rev. 9, 8/22/06
Edge7725
www.semtech.com
The QA, QA*, QB, QB* output voltages are relative to the
PECL supply voltage input. The DC Specifications section
will specify the differential output voltage swings and com-
mon mode voltages to expect.
Differential Amplifier and Comparator
VINP[0], VINP[1] are also input to a differential amplifier.
The differential amplifier output (VINP[0] minus VINP[1])
is then compared against CVC[0] and CVC[1] inputs over a
±800mV range, where
0.1V < |VINP[0] – VINP[1]| < 0.8V
The figure below is a functional diagram of the window and
differential comparators.
The difference amplifiers will subtract the voltage at VINP[1]
from VINP[0] and the result is presented to a comparator
that compares this result against an input voltage CVC[0]
or CVC[1]. These input voltages may well be referenced to
a different ground than analog ground at the E7725. They
more than likely will be referenced to a buffered version of
the DUT ground. In order for the difference amplifiers to
operate correctly each of the them has a ground reference
input, CVC_GND[0:1]. This high impedance input should
be connected to the ground reference point of the level
DAC that is generating the CVC[0] and the CVC[1] voltages
respectively. The voltages at CVC_GND[0:1] can be
+/-0.25V from analog ground at the E7725.
Circuit Description (continued)
Window Comparator
Two comparators are connected on-chip to form a window
comparator to determine whether the DUT is high, low, or
in an intermediate state. VINP is tied to the positive inputs
of both comparators. The selection of either comparator A
or B for the DUT high or the DUT low comparison is arbi-
trary.
The figure below shows the correct polarity for the com-
parator connections.
Comparator truth table, where CVA > CVB:
Thresholds
CVA and CVB are the window comparator’s two threshold
levels. These inputs are high impedance voltage controlled
inputs that determine at which VINP voltage the compara-
tors will change output states.
CVC[0], CVC[1] are the two differential comparator’s thresh-
old levels. The window and differential comparators can-
not be used at the same time because they share output
pins QA, QA*, QB, QB*. Since they are not used at the
same time, the compare voltages can be shared between
the window and differential comparators to save in refer-
ence level DACs and power. CVC[0] may be connected to
CVA[0] or CVB[0], and the same is true for CVC[1], CVA[1]
and CVB[1].
A
QB
Q
A
V
C
>
P
N
I
V
A
V
C
<
P
N
I
V
<
B
V
C
B
V
C
<
P
N
I
V
H
L
L
H
H
L
CVA
VCH
VCL
VINP
CVB
QA*
QA
CBIAS
QB
QB*
VCC
VEE
Clamp Enable
(Internal Signal)
CH[0]
Window
Comparator
CH[1]
Window
Comparator
QA[0]
QA*[0]
QB[0]
QB*[0]
VINP[0]
CVC[0]
CVB[0]
CVA[0]
SEL_CMP
CVC_GND[0]
QA[1]
QA*[1]
QB[1]
QB*[1]
VINP[1]
CVC[1]
CVB[1]
CVA[1]
CVC_GND[1]
D0
D1
A
B
A
B


Similar Part No. - EDGE7725

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE710 SEMTECH-EDGE710 Datasheet
206Kb / 17P
   500 MHz Pin Electronics Driver, Window Comparator, and Load
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
More results

Similar Description - EDGE7725

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E710AHF SEMTECH-E710AHF Datasheet
206Kb / 17P
   500 MHz Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com