Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP378 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP378
Description  AC and Pulse metallized polypropylene film capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP378 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP378 Datasheet HTML 1Page - Vishay Siliconix MKP378 Datasheet HTML 2Page - Vishay Siliconix MKP378 Datasheet HTML 3Page - Vishay Siliconix MKP378 Datasheet HTML 4Page - Vishay Siliconix MKP378 Datasheet HTML 5Page - Vishay Siliconix MKP378 Datasheet HTML 6Page - Vishay Siliconix MKP378 Datasheet HTML 7Page - Vishay Siliconix MKP378 Datasheet HTML 8Page - Vishay Siliconix MKP378 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Doc. No: HQN-384-17/102
Rev. : W
Iss. Date: 2006-10-16
BCcomponents
Film Capacitors
METALLIZED POLYPROPYLENE FILM
AC AND PULSE CAPACITOR
MKP 378 MKP/MKP378
MKP AND MKP/MKP RADIAL POTTED TYPE
Page 5 of 19
HQN-384-17/102 MKP378-MKPMKP378 prod spec Eng.doc
Specific reference data MKP (400VDC)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.24 µF
≤10 x 10
-4
≤30 x 10
-4
0.27 µF ≤ C ≤ 0.36 µF
≤10 x 10
-4
≤35 x 10
-4
0.39 µF ≤ C ≤ 0.51 µF
≤10 x 10
-4
≤40 x 10
-4
0.56 µF ≤ C ≤ 0.68 µF
≤15 x 10
-4
≤50 x 10
-4
0.75 µF ≤ C ≤ 1.0 µF
≤15 x 10
-4
≤70 x 10
-4
1.1 µF ≤ C ≤ 2.0 µF
≤15 x 10
-4
≤150 x 10
-4
Rated voltage pulse slope (dU/dt)R :
Pitch = 22.5 mm
100 V/µs
Pitch = 27.5 mm
70 V/µs (w < 15mm)
Pitch = 27.5 mm
35 V/µs (w ≥ 15mm)
R between leads, for C ≤ 1 µF at 100V; 1 minute
> 100 000 MΩ
RC between leads, for C > 1 µ F at 100V; 1 minute
> 100 000 s
Ionization (AC) voltage (typical value) at 50 pC peak discharge
> 250 V
Withstanding (DC)voltage (cut off current 10 mA); rise time 100 V/s:
640 V; 1 minute
Withstanding (DC) voltage between leads and case
800 V; 1 minute
URdc = 400 V; URac = 200 V; Up-p=560V
CATALOGUE NUMBER 2222 378 …AND PACKAGING
LOOSE IN BOX
Lt= 5.0±1.0 mm
all leads
REEL
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g)
Last 5 digits
SPQ
SPQ
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.18
52184
0.20
52204
0.22
7.0x16.5x26.0
2.9
52224
200
550
0.24
52244
0.27
52274
0.30
52304
0.33
8.5x18.0x26.0
3.8
52334
200
450
0.36
52364
0.39
52394
0.43
52434
0.47
10.0x19.5x26.0
6.8
52474
200
350
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.51
52514
0.56
52564
0.62
52624
0.68
11.0x21.0x31.0
7.4
52684
100
0.75
52754
0.82
52824
0.91
52914
1.0
13.0x23.0x31.0
9.2
52105
100
1.1
52115
1.2
52125
1.3
15.0x25.0x31.0
12.3
52135
100
1.5
52155
1.6
52165
1.8
52185
2.0
18.0x28.0x31.0
16.1
52205
100


Similar Part No. - MKP378

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP378

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com