Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5561 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # E5561
Description  Standard Read/Write Crypto Identification IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

E5561 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button E5561 Datasheet HTML 7Page - ATMEL Corporation E5561 Datasheet HTML 8Page - ATMEL Corporation E5561 Datasheet HTML 9Page - ATMEL Corporation E5561 Datasheet HTML 10Page - ATMEL Corporation E5561 Datasheet HTML 11Page - ATMEL Corporation E5561 Datasheet HTML 12Page - ATMEL Corporation E5561 Datasheet HTML 13Page - ATMEL Corporation E5561 Datasheet HTML 14Page - ATMEL Corporation E5561 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
4699D–RFID–09/06
e5561
5.3
Start-up
The various modes of the e5561 are activated after the first read-out of the configuration. The
modulation is on during power-on reset and is off while the configuration is read. After this initial-
ization period of 190 + POR time FCs, the e5561 activates the adaption bit setting defined by
configuration and enters in ID mode. If the IC is configured with terminator 1, a data value of FH
acc. selected data coding is sent in advance of terminator and read data (see Figure 5-2).
Figure 5-1.
Application Circuit
Figure 5-2.
Voltage at Coil1/Coil2 after Start-up (e.g., RF/32, Manchester, Terminator 1)
5.4
Configuration
The configuration data of the e5561 is stored in block 0 of the EEPROM which contains the fol-
lowing information (see Figure 5-3 on page 12):
• Type of modulation and bit rate
• ID code length
• Several lock-bits
• Selected terminator
• Stop mode selection for short/long authentication time
• Adaptation of resonance frequency
The configuration may be changed by programming block 0. However, this is only possible if the
lock-bit L_0 in block 0 has not been set.
e5561
Coil 1
Coil 2
V
DD
V
SS
125 kHz
Energy
Data
Tuned LC
Coil of base station
Coil1-Coil2
Load config.
(190 FCs)
Term. 1
V
Power-on reset
Read Fh
Read data with selected
modulation and bit-rate
Adaptation setting
Damping on
Damping off


Similar Part No. - E5561

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561A-DOW ATMEL-E5561A-DOW Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
More results

Similar Description - E5561

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
logo
ATMEL Corporation
T5557 ATMEL-T5557 Datasheet
711Kb / 30P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
logo
List of Unclassifed Man...
S8132 ETC2-S8132 Datasheet
40Kb / 2P
   FINGERPRINT IDENTIFICATION IC Bio-Crypto Controller
logo
ATMEL Corporation
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com