Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T83C5101 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T83C5101
Description  8-bit Low Pin Count Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T83C5101 Datasheet HTML 3Page - ATMEL Corporation T83C5101 Datasheet HTML 4Page - ATMEL Corporation T83C5101 Datasheet HTML 5Page - ATMEL Corporation T83C5101 Datasheet HTML 6Page - ATMEL Corporation T83C5101 Datasheet HTML 7Page - ATMEL Corporation T83C5101 Datasheet HTML 8Page - ATMEL Corporation T83C5101 Datasheet HTML 9Page - ATMEL Corporation T83C5101 Datasheet HTML 10Page - ATMEL Corporation T83C5101 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
T8xC5101/02
4233H–8051–02/08
Low Pin Count
Specificities
The T8xC5101/02 family is not able to perform any external memory access, such as a
code fetch, a look-up table access (using MOVC) or a data access (using MOVX)
because traditional Port ×0 and Port 2 are not implemented. It should be noted that 2
bits of a new port 4 are available, but they are pure user outputs. On the 28 pin package,
there is also a set of 4 extra I/Os, which cannot be used for external access.
This inability to perform external memory accesses has the following consequences:
Port 0 SFR doesn’t exist
Port 2 SFR doesn’t exist
Port 4 has six bits defined among which two are pure outputs for LED driving.
Security level 4 is no longer applicable
Code memory addresses is limited to 4000h. Accessing to any address above
3FFFh will return indeterminate value. Jumps, subroutine Calls, MOVC instructions
should be limited to a maximum address range of 3FFFh to avoid any error.
External data memory addresses is limited to 100h. Writing to any address above
FFh will have no effect. Reading any address above FFh will return indeterminate
value. To avoid any mistake, MOVX address should be limited to a maximum
address range of FFh.
In Rx devices, the user could disable the XRAM (for example, if he had shared
resource at the corresponding address range). As no external access is possible
with the T83/87C510x, it makes no sense to be able to disable accesses to XRAM.
Nevertheless, access to AUXR bit 1 will cause no error and any write to this bit will
have no effect.
As there is no external access, EA, ALE, PSEN, RD and WR signals are not
implemented. So, the corresponding pins or alternate functions are removed.
As there is no ALE, there is no need for ALE disabling. Nevertheless, access to
AUXR bit 0 will cause no error and any write to this bit will have no effect.
Compared to the corresponding 16 KB Rx2 device, the TS80C51RB2, the following
features are removed:
Port 0 & 2
PCA
Watchdog
ONCE mode
Power Off Flag (POF)


Similar Part No. - T83C5101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T83C5101 TEMIC-T83C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
T83C5101XXX-3ZSCL ATMEL-T83C5101XXX-3ZSCL Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSCV ATMEL-T83C5101XXX-3ZSCV Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSIL ATMEL-T83C5101XXX-3ZSIL Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com