Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6127AUS Datasheet(PDF) 1 Page - Semtech Corporation

Part # 1N6127AUS
Description  500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6127AUS Datasheet(HTML) 1 Page - Semtech Corporation

  1N6127AUS Datasheet HTML 1Page - Semtech Corporation 1N6127AUS Datasheet HTML 2Page - Semtech Corporation 1N6127AUS Datasheet HTML 3Page - Semtech Corporation 1N6127AUS Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.semtech.com
1N6102US thru 1N6137US
1N6103AUS thru 1N6137AUS
500W Bipolar Transient Voltage Suppressor Surface Mount (US)
POWER DISCRETES
Features
Revision: May 3, 2006
Quick reference data
VBR MIN = 6.12 -180V
VRWM = 5.2 - 152V
VC (max) = 11 - 273V
I(BR) 1N6102 - 1N6137 = 5mA - 175mA
Low dynamic impedance
Hermetically sealed non-cavity construction
500 watt peak pulse power
1.5W continuous
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
1
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P
S
m
1
=
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
tl
o
VA
ms
tl
o
VA
µs
tl
o
Vs
p
m
AC
°
/
%A
µ
2
0
1
6
N
12
1
.
65
7
12
.
50
0
10
.
1
14
.
5
45
0
.
00
0
0
,
4
3
0
1
6
N
15
7
.
65
7
17
.
50
58
.
1
14
.
2
46
0
.
00
5
7
A
3
0
1
6
N
13
1
.
75
7
17
.
50
52
.
1
16
.
4
46
0
.
00
5
7
4
0
1
6
N
18
3
.
70
5
12
.
60
27
.
2
14
.
9
36
0
.
00
0
5
A
4
0
1
6
N
19
7
.
70
5
12
.
60
21
.
2
13
.
1
46
0
.
00
0
5
5
0
1
6
N
19
1
.
80
5
19
.
60
20
.
4
17
.
5
36
0
.
00
0
3
A
5
0
1
6
N
15
6
.
80
5
1
9
.
60
24
.
3
13
.
7
36
0
.
0
0
0
3
6
0
1
6
N
10
.
95
2
16
.
70
22
.
5
19
.
2
37
0
.
00
0
2
A
6
0
1
6
N
10
5
.
95
2
16
.
70
25
.
4
15
.
4
37
0
.
00
0
2
7
0
1
6
N
19
.
95
2
14
.
80
23
.
6
17
.
0
37
0
.
00
0
2
A
7
0
1
6
N
15
4
.
0
15
2
14
.
80
26
.
5
10
.
2
37
0
.
00
0
2
8
0
1
6
N
18
.
0
10
0
11
.
90
27
.
7
12
.
8
27
0
.
00
5
1
A
8
0
1
6
N
14
.
1
10
0
11
.
90
29
.
6
16
.
9
27
0
.
00
5
1
9
0
1
6
N
17
.
1
10
0
19
.
90
20
.
9
13
.
6
28
0
.
00
5
1
A
9
0
1
6
N
15
3
.
2
10
0
19
.
90
22
.
8
15
.
7
28
0
.
00
5
1
0
1
1
6
N
15
.
3
15
74
.
1
10
29
.
1
28
.
2
28
0
.
00
0
1
A
0
1
1
6
N
15
2
.
4
15
74
.
1
10
20
.
1
28
.
3
28
0
.
00
0
1
1
1
1
6
N
14
.
4
15
72
.
2
10
24
.
3
24
.
1
28
0
.
00
0
1
A
1
1
1
6
N
12
.
5
15
72
.
2
10
23
.
2
24
.
2
28
0
.
00
0
1
Description
These products are qualified to MIL-PRF-19500/516
and are preferred parts as listed in MIL-HDBK-5961.
They can be supplied fully released as JANTX and
JANTXV versions.


Similar Part No. - 1N6127AUS

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6127AUS SENSITRON-1N6127AUS Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
1N6127AUS SENSITRON-1N6127AUS Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6127AUS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6138US SEMTECH-1N6138US_10 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6138US SEMTECH-1N6138US Datasheet
119Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
TAITRON Components Inco...
TVT03AW TAITRON-TVT03AW Datasheet
121Kb / 4P
   500W Surface Mount Transient Voltage Suppressor Arrays
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com