Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8510REV2.1 Datasheet(PDF) 7 Page - Semtech Corporation

Part # ACS8510REV2.1
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510REV2.1 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button ACS8510REV2.1 Datasheet HTML 3Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 4Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 5Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 6Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 7Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 8Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 9Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 10Page - Semtech Corporation ACS8510REV2.1 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
www.semtech.com
7
ACS8510 Rev2.1 SETS
ADVANCED COMMUNICATIONS
FINAL
Revision 2.00/September 2003
Semtech Corp.
Table 3. Other Pins
Table 3. Other Pins
Table 3. Other Pins
Table 3. Other Pins
Table 3. Other Pins
N
I
PN
I
P N
I
P N
I
PN
I
PL
O
B
M
Y
SL
O
B
M
Y
S
L
O
B
M
Y
S
L
O
B
M
Y
SL
O
B
M
Y
SO
IO
IO
IO
IO
IE
P
Y
TE
P
Y
T
E
P
Y
T
E
P
Y
TE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
/
E
M
A
NN
O
I
T
P
I
R
C
S
E
D
/
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
/
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
/
E
M
A
NN
O
I
T
P
I
R
C
S
E
D
/
E
M
A
N
2T
S
R
TI
L
T
T
D
t
u
p
n
I
t
e
s
e
R
l
o
r
t
n
o
C
G
A
T
Jt
u
p
n
I
t
e
s
e
R
l
o
r
t
n
o
C
G
A
T
J
t
u
p
n
I
t
e
s
e
R
l
o
r
t
n
o
C
G
A
T
J
t
u
p
n
I
t
e
s
e
R
l
o
r
t
n
o
C
G
A
T
Jt
u
p
n
I
t
e
s
e
R
l
o
r
t
n
o
C
G
A
T
Jy
r
a
d
n
u
o
B
G
A
T
J
e
l
b
a
n
e
o
t
1
=
T
S
R
T
:
c
i
g
o
l
G
A
T
J
(
n
o
it
a
r
e
p
o
e
c
i
v
e
d
l
a
m
r
o
n
r
o
f
0
=
T
S
R
T
.
e
d
o
m
n
a
c
S
.
g
n
it
a
o
lf
e
v
a
e
l
r
o
D
N
G
o
t
t
c
e
n
n
o
c
d
e
s
u
t
o
n
f
I
.
)
t
n
e
r
a
p
s
n
a
r
t
7S
M
TI
L
T
T U
t
c
e
l
e
S
e
d
o
M
t
s
e
T
G
A
T
Jt
c
e
l
e
S
e
d
o
M
t
s
e
T
G
A
T
J
t
c
e
l
e
S
e
d
o
M
t
s
e
T
G
A
T
J
t
c
e
l
e
S
e
d
o
M
t
s
e
T
G
A
T
Jt
c
e
l
e
S
e
d
o
M
t
s
e
T
G
A
T
Jn
o
d
e
l
p
m
a
S
.
e
l
b
a
n
e
n
a
c
S
y
r
a
d
n
u
o
B
:
.
g
n
it
a
o
lf
e
v
a
e
l
r
o
D
D
V
o
t
t
c
e
n
n
o
c
d
e
s
u
t
o
n
f
I
.
K
C
T
f
o
e
g
d
e
g
n
i
s
ir
8Q
E
R
T
N
IO
L
T
T
S
O
M
C
t
s
e
u
q
e
R
t
p
u
r
r
e
t
n
It
s
e
u
q
e
R
t
p
u
r
r
e
t
n
I
t
s
e
u
q
e
R
t
p
u
r
r
e
t
n
I
t
s
e
u
q
e
R
t
p
u
r
r
e
t
n
It
s
e
u
q
e
R
t
p
u
r
r
e
t
n
It
u
p
t
u
o
t
p
u
r
r
e
t
n
I
e
r
a
w
t
f
o
s
h
g
i
h
e
v
it
c
A
:
9K
C
TI
L
T
T
D
k
c
o
l
C
G
A
T
Jk
c
o
l
C
G
A
T
J
k
c
o
l
C
G
A
T
J
k
c
o
l
C
G
A
T
Jk
c
o
l
C
G
A
T
Jo
t
t
c
e
n
n
o
c
d
e
s
u
t
o
n
f
I
.
t
u
p
n
i
k
c
o
l
c
n
a
c
S
y
r
a
d
n
u
o
B
:
d
e
c
a
l
p
r
o
t
i
c
a
p
a
c
a
e
r
i
u
q
e
r
y
a
m
n
i
p
s
i
h
T
.
g
n
it
a
o
lf
e
v
a
e
l
r
o
D
N
G
A
.
p
u
k
c
i
p
e
s
i
o
n
e
c
u
d
e
r
o
t
,
D
N
G
t
s
e
r
a
e
n
e
h
t
d
n
a
n
i
p
e
h
t
n
e
e
w
t
e
b
n
o
t
n
e
d
n
e
p
e
d
s
i
e
u
l
a
v
e
h
t
t
u
b
,
e
t
a
u
q
e
d
a
e
b
d
l
u
o
h
s
F
p
0
1
f
o
e
u
l
a
v
.
t
u
o
y
a
l
B
C
P
0
1K
L
C
F
E
RI
L
T
T
k
c
o
l
C
e
c
n
e
r
e
f
e
Rk
c
o
l
C
e
c
n
e
r
e
f
e
R
k
c
o
l
C
e
c
n
e
r
e
f
e
R
k
c
o
l
C
e
c
n
e
r
e
f
e
Rk
c
o
l
C
e
c
n
e
r
e
f
e
Rl
a
c
o
L
d
e
d
a
e
h
n
o
it
c
e
s
o
t
r
e
f
e
r
(
z
H
M
8
.
2
1
:
)
k
c
o
l
C
r
o
t
a
ll
i
c
s
O
8
1W
S
C
R
SI
L
T
T
D
g
n
i
h
c
t
i
w
S
e
c
r
u
o
Sg
n
i
h
c
t
i
w
S
e
c
r
u
o
S
g
n
i
h
c
t
i
w
S
e
c
r
u
o
S
g
n
i
h
c
t
i
w
S
e
c
r
u
o
Sg
n
i
h
c
t
i
w
S
e
c
r
u
o
Sg
n
i
h
c
t
i
w
S
e
c
r
u
o
S
t
s
a
F
e
c
r
o
F
:
1
2O
D
TO
L
T
T
S
O
M
C
t
u
p
t
u
O
G
A
T
Jt
u
p
t
u
O
G
A
T
J
t
u
p
t
u
O
G
A
T
J
t
u
p
t
u
O
G
A
T
Jt
u
p
t
u
O
G
A
T
Jf
o
e
g
d
e
g
n
il
l
a
f
n
o
d
e
t
a
d
p
U
.
t
u
p
t
u
o
a
t
a
d
t
s
e
t
l
a
ir
e
S
:
.
g
n
it
a
o
lf
e
v
a
e
l
d
e
s
u
t
o
n
f
I
.
K
C
T
3
2I
D
TI
L
T
T U
t
u
p
n
I
G
A
T
Jt
u
p
n
I
G
A
T
J
t
u
p
n
I
G
A
T
J
t
u
p
n
I
G
A
T
Jt
u
p
n
I
G
A
T
J.
K
C
T
f
o
e
g
d
e
g
n
i
s
ir
n
o
d
e
l
p
m
a
S
.
t
u
p
n
I
a
t
a
d
t
s
e
t
l
a
ir
e
S
:
.
g
n
it
a
o
lf
e
v
a
e
l
r
o
D
D
V
o
t
t
c
e
n
n
o
c
d
e
s
u
t
o
n
f
I
4
21
II
I
M
A1
e
c
n
e
r
e
f
e
r
t
u
p
n
I1
e
c
n
e
r
e
f
e
r
t
u
p
n
I
1
e
c
n
e
r
e
f
e
r
t
u
p
n
I
1
e
c
n
e
r
e
f
e
r
t
u
p
n
I1
e
c
n
e
r
e
f
e
r
t
u
p
n
Iz
H
k
8
+
z
H
k
4
6
k
c
o
l
c
e
t
i
s
o
p
m
o
c
:
5
22
II
I
M
A2
e
c
n
e
r
e
f
e
r
t
u
p
n
I2
e
c
n
e
r
e
f
e
r
t
u
p
n
I
2
e
c
n
e
r
e
f
e
r
t
u
p
n
I
2
e
c
n
e
r
e
f
e
r
t
u
p
n
I2
e
c
n
e
r
e
f
e
r
t
u
p
n
Iz
H
k
8
+
z
H
k
4
6
k
c
o
l
c
e
t
i
s
o
p
m
o
c
:
7
2G
E
N
8
O
TO
I
M
A
8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
Oe
v
it
a
g
e
n
z
H
k
8
+
z
H
k
4
6
,
k
c
o
l
c
e
t
i
s
o
p
m
o
c
:
e
s
l
u
p
8
2S
O
P
8
O
TO
I
M
A
8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O8
e
c
n
e
r
e
f
e
r
t
u
p
t
u
Oe
v
it
i
s
o
p
z
H
k
8
+
z
H
k
4
6
,
k
c
o
l
c
e
t
i
s
o
p
m
o
c
:
e
s
l
u
p
0
3c
n
y
S
r
FO
L
T
T
S
O
M
C
0
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O0
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
0
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
0
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O0
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
Oe
r
a
u
q
s
(
t
u
p
t
u
o
k
c
o
l
c
c
n
y
S
e
m
a
r
F
z
H
k
8
:
)
e
v
a
w
1
3c
n
y
S
r
F
MO
L
T
T
S
O
M
C
1
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O1
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
1
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
1
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O1
1
e
c
n
e
r
e
f
e
r
t
u
p
t
u
Ot
u
p
t
u
o
k
c
o
l
c
c
n
y
S
e
m
a
r
F
-i
t
l
u
M
z
H
k
2
:
)
e
v
a
w
e
r
a
u
q
s
(
4
3
5
3
S
O
P
6
O
T
G
E
N
6
O
T
O
S
D
V
L
L
C
E
P
6
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O6
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
6
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
6
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O6
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O4
4
5
.
1
(
1
g
i
D
o
s
l
A
.
z
H
M
8
8
.
8
3
t
l
u
a
f
e
d
:
4
0
.
1
1
3
,
z
H
M
2
5
.
5
5
1
,
z
H
M
4
4
.
9
1
,
)
x
8
,
4
,
2
d
n
a
z
H
M
8
4
0
.
2
/
z
H
M
.
S
D
V
L
e
p
y
t
t
l
u
a
f
e
D
.
z
H
M
6
3
7
3
S
O
P
7
O
T
G
E
N
7
O
T
O
L
C
E
P
S
D
V
L
7
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O7
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
7
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O
7
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O7
e
c
n
e
r
e
f
e
r
t
u
p
t
u
O6
7
.
7
7
,
z
H
M
4
8
.
1
5
o
s
l
A
.
z
H
M
4
4
.
9
1
t
l
u
a
f
e
d
:
.
L
C
E
P
e
p
y
t
t
l
u
a
f
e
D
.
z
H
M
2
5
.
5
5
1
,
z
H
M
0
4
1
4
S
O
P
5
I
G
E
N
5
I
I
S
D
V
L
L
C
E
P
5
e
c
n
e
r
e
f
e
r
t
u
p
n
I5
e
c
n
e
r
e
f
e
r
t
u
p
n
I
5
e
c
n
e
r
e
f
e
r
t
u
p
n
I
5
e
c
n
e
r
e
f
e
r
t
u
p
n
I5
e
c
n
e
r
e
f
e
r
t
u
p
n
IS
D
V
L
e
p
y
t
t
l
u
a
f
e
d
,
z
H
M
4
4
.
9
1
t
l
u
a
f
e
d
:
2
4
3
4
S
O
P
6
I
G
E
N
6
I
I
L
C
E
P
S
D
V
L
6
e
c
n
e
r
e
f
e
r
t
u
p
n
I6
e
c
n
e
r
e
f
e
r
t
u
p
n
I
6
e
c
n
e
r
e
f
e
r
t
u
p
n
I
6
e
c
n
e
r
e
f
e
r
t
u
p
n
I6
e
c
n
e
r
e
f
e
r
t
u
p
n
IL
C
E
P
e
p
y
t
t
l
u
a
f
e
d
,
z
H
M
4
4
.
9
1
t
l
u
a
f
e
d
:


Similar Part No. - ACS8510REV2.1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8510 IQD-ACS8510 Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8510REV2.1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com