Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8515 Datasheet(PDF) 11 Page - Semtech Corporation

Part # ACS8515
Description  Line Card Protection Switch for SONET or SDH Network Elements
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button ACS8515 Datasheet HTML 7Page - Semtech Corporation ACS8515 Datasheet HTML 8Page - Semtech Corporation ACS8515 Datasheet HTML 9Page - Semtech Corporation ACS8515 Datasheet HTML 10Page - Semtech Corporation ACS8515 Datasheet HTML 11Page - Semtech Corporation ACS8515 Datasheet HTML 12Page - Semtech Corporation ACS8515 Datasheet HTML 13Page - Semtech Corporation ACS8515 Datasheet HTML 14Page - Semtech Corporation ACS8515 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Revision 2.01/December 2005
Semtech Corp.
www.semtech.com
11
ACS8515 Rev2.1 LC/P
ADVANCED COMMUNICATIONS
FINAL
f0
f1
f2
f3
f4
f5
f6
A3
A2
A1
A0
Jitter and wander frequency (l
f8
f9
A4
f0
f1
f2
f3
f4
f5
f6
A3
A2
A1
A0
Jitter and wander frequency (l
f8
f9
A4
M
T
SM
T
S M
T
S M
T
SM
T
S
l
e
v
e
ll
e
v
e
l
l
e
v
e
l
l
e
v
e
ll
e
v
e
l
e
d
u
t
il
p
m
a
k
a
e
p
o
t
k
a
e
Pe
d
u
t
il
p
m
a
k
a
e
p
o
t
k
a
e
P
e
d
u
t
il
p
m
a
k
a
e
p
o
t
k
a
e
P
e
d
u
t
il
p
m
a
k
a
e
p
o
t
k
a
e
Pe
d
u
t
il
p
m
a
k
a
e
p
o
t
k
a
e
P
)
l
a
v
r
e
t
n
I
t
i
n
u
()
l
a
v
r
e
t
n
I
t
i
n
u
(
)
l
a
v
r
e
t
n
I
t
i
n
u
(
)
l
a
v
r
e
t
n
I
t
i
n
u
()
l
a
v
r
e
t
n
I
t
i
n
u
(
)
z
H
(
y
c
n
e
u
q
e
r
F)
z
H
(
y
c
n
e
u
q
e
r
F
)
z
H
(
y
c
n
e
u
q
e
r
F
)
z
H
(
y
c
n
e
u
q
e
r
F)
z
H
(
y
c
n
e
u
q
e
r
F
0
A0
A0
A0
A0
A1
A1
A1
A1
A1
A2
A2
A2
A2
A2
A3
A3
A3
A3
A3
A4
A4
A4
A4
A4
A0
F0
F0
F0
F0
F1
F1
F1
F1
F1
F2
F2
F2
F2
F2
F3
F3
F3
F3
F3
F4
F4
F4
F4
F4
F5
F5
F5
F5
F5
F6
F6
F6
F6
F6
F7
F7
F7
F7
F7
F8
F8
F8
F8
F8
F9
F9
F9
F9
F9
F
1
-
M
T
S0
0
8
21
1
39
35
.
15
1
.
0u
2
1u
8
7
1m
6
.
1m
6
.
5
15
2
1
.
03
.
9
10
0
5k
5
.
6k
5
6m
3
.
1
The registers sts_curr_inc_offset (address 0C,
0D, 07) report the frequency of the DPLL with
respect to the external TCXO frequency. This is
a 19 bit signed number with one LSB
representing 0.0003 ppm (range of +/- 80
ppm). Reading this regularly can show how the
currently locked source is varying in value e.g.
due to wander on its input.
The ACS8515 performs automatic frequency
monitoring with an acceptable input frequency
offset range of +/- 16.6 ppm. The ACS8515
DPLL has a programmable frequency limit of
+/- 80 ppm. If the range is programmed to be
> 16.6 ppm, the frequency monitors should be
disabled so the input reference source is not
automatically rejected as out of frequency
range.
Output Clock Ports
Output Clock Ports
Output Clock Ports
Output Clock Ports
Output Clock Ports
The ACS8515 supports two SEC output clocks,
on TTL and PECL/LVDS ports, and a pair of
secondary output clocks, ‘Frame-Sync’ and
‘Multi-Frame-Sync’. The two output clocks are
individually controllable. The ‘Frame-Sync’ and
‘Multi-Frame-Sync’ are derived from the main
SEC clock. The frequencies of the output clock
are selectable from a range of pre-defined spot
frequencies, with a variety of output
technologies supported, as defined in Table 8.
Low Speed Output Clock
Low Speed Output Clock
Low Speed Output Clock
Low Speed Output Clock
Low Speed Output Clock
The O2 SEC clock is supplied on a TTL port with
a fixed frequency of 19.44 MHz.
Table 6. Amplitude and Frequency values for Jitter Tolerance
Table 6. Amplitude and Frequency values for Jitter Tolerance
Table 6. Amplitude and Frequency values for Jitter Tolerance
Table 6. Amplitude and Frequency values for Jitter Tolerance
Table 6. Amplitude and Frequency values for Jitter Tolerance
Figure 3. Minimum Input Jitter Tolerance (OC-3/STM-1)
Figure 3. Minimum Input Jitter Tolerance (OC-3/STM-1)
Figure 3. Minimum Input Jitter Tolerance (OC-3/STM-1)
Figure 3. Minimum Input Jitter Tolerance (OC-3/STM-1)
Figure 3. Minimum Input Jitter Tolerance (OC-3/STM-1)
(for inputs supporting G.783 compliant sources)
(for inputs supporting G.783 compliant sources)


Similar Part No. - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8515 IQD-ACS8515 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515P SEMTECH-ACS8515P Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
More results

Similar Description - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com