Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8520 Datasheet(PDF) 11 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button ACS8520 Datasheet HTML 7Page - Semtech Corporation ACS8520 Datasheet HTML 8Page - Semtech Corporation ACS8520 Datasheet HTML 9Page - Semtech Corporation ACS8520 Datasheet HTML 10Page - Semtech Corporation ACS8520 Datasheet HTML 11Page - Semtech Corporation ACS8520 Datasheet HTML 12Page - Semtech Corporation ACS8520 Datasheet HTML 13Page - Semtech Corporation ACS8520 Datasheet HTML 14Page - Semtech Corporation ACS8520 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/October 2005 © Semtech Corp.
Page 11
www.semtech.com
ACS8520 SETS
frequency to 8 kHz, the post-division frequency.
(XX = “Leaky Bucket” ID for this input).
(ii) To achieve 8 kHz, the 10 MHz input must be
divided by 1,250. So, if DivN, = 250 = (N+1)
then N must be set to 1,249. This is done by
writing 4E1 hex (1,249 decimal) to the DivN
register pair Reg. 46/47.
Direct Lock Mode 155 MHz.
The max frequency allowed for phase comparison is
77.76MHz, so for the special case of a 155 MHz input set
to Direct Lock Mode, there is a divide-by-two function
automatically selected to bring the frequency down to
within the limits of operation.
PECL/LVDS/AMI Input Port Selection
The choice of PECL or LVDS compatibility is programmed
via the cnfg_differential_inputs register. Unused PECL
differential inputs should be fixed with one input High
(VDD) and the other input Low (GND), or set in LVDS mode
and left floating, in which case one input is internally
pulled High and the other Low.
An AMI port supports a composite clock, consisting of a
64 kHz AMI clock with 8 kHz boundaries marked by
deliberate violations of the AMI coding rules, as specified
in ITU recommendation G.703[6]. Departures from the
nominal pattern are detected within the ACS8520, and
may cause reference-switching if too frequent. See
section DC Characteristics: AMI Input/Output Port, for
more details. If the AMI port is unused, the pins (I1 and I2)
should be tied to GND.
Table 4 Input Reference Source Selection and Priority Table
Port Number
Channel
Number (Bin)
Input Port
Technology
Frequencies Supported
Default
Priority
I1
0001
AMI
64/8 kHz (composite clock, 64 kHz + 8 kHz)
Default (SONET): 64/8 kHz Default (SDH): 64/8 kHz
2
I2
0010
AMI
64/8 kHz (composite clock, 64 kHz + 8 kHz)
Default (SONET): 64/8 kHz Default (SDH): 64/8 kHz
3
I3
0011
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 8 kHz Default (SDH): 8 kHz
4
I4
0100
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 8 kHz Default (SDH): 8 kHz
5
I5
0101
LVDS/PECL LVDS
default
Up to 155.52 MHz (see Note (ii))
Default (SONET): 19.44 MHz Default (SDH): 19.44 MHz
6
I6
0110
PECL/LVDS PECL
default
Up to 155.52 MHz (see Note (ii))
Default (SONET): 19.44 MHz Default (SDH): 19.44 MHz
7
I7
0111
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 19.44 MHz Default (SDH): 19.44 MHz
8
I8
1000
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 19.44 MHz Default (SDH): 19.44 MHz
9
I9
1001
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 19.44 MHz Default (SDH): 19.44 MHz
10
I10
1010
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 19.44 MHz Default (SDH): 19.44 MHz
11
I11
1011
TTL/CMOS
Up to 100 MHz (see Note (i)) Default (Master) (SONET): 1.544 MHz Default
(Master) (SDH): 2.048 MHz Default (Slave) 6.48 MHz
12/1 (Note
(iii))
I12
1100
TTL/CMOS
Up to 100 MHz (see Note (i))
Default (SONET): 1.544 MHz Default (SDH): 2.048 MHz
13


Similar Part No. - ACS8520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520AT SEMTECH-ACS8520AT Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com