Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6133US Datasheet(PDF) 2 Page - Semtech Corporation

Part # 1N6133US
Description  500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6133US Datasheet(HTML) 2 Page - Semtech Corporation

  1N6133US Datasheet HTML 1Page - Semtech Corporation 1N6133US Datasheet HTML 2Page - Semtech Corporation 1N6133US Datasheet HTML 3Page - Semtech Corporation 1N6133US Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
 2006 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N6102US thru 1N6137US
1N6103AUS thru 1N6137AUS
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
1
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P
S
m
1
=
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
tl
o
VA
ms
tl
o
VA
µs
tl
o
Vs
p
m
AC
°
/
%A
µ
2
1
1
6
N
12
.
6
15
67
.
3
11
3
.
6
20
.
9
15
8
0
.
00
0
1
A
2
1
1
6
N
11
.
7
15
67
.
3
11
1
.
5
29
.
9
15
8
0
.
00
0
1
3
1
1
6
N
10
.
8
15
62
.
5
11
0
.
9
22
.
7
15
8
0
.
00
0
1
A
3
1
1
6
N
10
.
9
15
62
.
5
11
7
.
7
20
.
8
15
8
0
.
00
0
1
4
1
1
6
N
18
.
9
10
57
.
6
11
9
.
1
37
.
5
15
8
0
.
00
0
1
A
4
1
1
6
N
19
.
0
20
57
.
6
11
5
.
0
34
.
6
15
8
0
.
00
0
1
5
1
1
6
N
16
.
1
20
52
.
8
11
8
.
4
34
.
4
19
0
.
00
0
1
A
5
1
1
6
N
18
.
2
20
52
.
8
11
3
.
3
30
.
5
19
0
.
00
0
1
6
1
1
6
N
13
.
4
20
56
.
0
21
2
.
9
38
.
2
19
0
.
00
0
1
A
6
1
1
6
N
17
.
5
20
56
.
0
21
4
.
7
34
.
3
19
0
.
00
0
1
7
1
1
6
N
10
.
7
20
48
.
2
21
6
.
3
45
.
1
19
0
.
00
0
1
A
7
1
1
6
N
15
.
8
20
48
.
2
21
6
.
1
40
.
2
19
0
.
00
0
1
8
1
1
6
N
17
.
9
20
41
.
5
21
9
.
7
44
.
0
15
9
0
.
00
0
1
A
8
1
1
6
N
14
.
1
30
41
.
5
21
7
.
5
49
.
0
15
9
0
.
00
0
1
9
1
1
6
N
14
.
2
30
34
.
7
21
3
.
2
56
.
95
9
0
.
00
0
1
A
9
1
1
6
N
12
.
4
30
34
.
7
21
9
.
9
40
.
0
15
9
0
.
00
0
1
0
2
1
6
N
11
.
5
30
37
.
9
21
2
.
6
59
.
85
9
0
.
00
0
1
A
0
2
1
6
N
11
.
7
30
37
.
9
21
6
.
3
53
.
95
9
0
.
00
0
1
1
2
1
6
N
17
.
8
30
37
.
2
31
0
.
2
61
.
85
9
0
.
00
0
1
A
1
2
1
6
N
19
.
0
40
37
.
2
31
1
.
9
55
.
85
9
0
.
00
0
1
2
2
1
6
N
13
.
2
45
28
.
5
31
7
.
7
64
.
75
9
0
.
00
0
1
A
2
2
1
6
N
17
.
4
45
28
.
5
31
6
.
4
67
.
75
9
0
.
00
0
1
3
2
1
6
N
19
.
5
45
28
.
8
31
5
.
3
78
.
65
9
0
.
00
0
1
A
3
2
1
6
N
15
.
8
45
28
.
8
31
1
.
0
71
.
75
9
0
.
00
0
1
4
2
1
6
N
14
.
0
50
26
.
2
41
7
.
0
82
.
65
9
0
.
00
0
1
A
4
2
1
6
N
12
.
3
50
26
.
2
41
0
.
7
75
.
65
9
0
.
00
0
1
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.


Similar Part No. - 1N6133US

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6133 SEMTECH-1N6133 Datasheet
111Kb / 3P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
1N6133 MICROSEMI-1N6133 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
New Jersey Semi-Conduct...
1N6133 NJSEMI-1N6133 Datasheet
151Kb / 1P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6133A SEMTECH-1N6133A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6133A MICROSEMI-1N6133A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
More results

Similar Description - 1N6133US

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6138US SEMTECH-1N6138US_10 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6138US SEMTECH-1N6138US Datasheet
119Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
TAITRON Components Inco...
TVT03AW TAITRON-TVT03AW Datasheet
121Kb / 4P
   500W Surface Mount Transient Voltage Suppressor Arrays
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com