Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E211ATF Datasheet(PDF) 10 Page - Semtech Corporation

Part # E211ATF
Description  Dual Pin Electronics Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E211ATF Datasheet(HTML) 10 Page - Semtech Corporation

Back Button E211ATF Datasheet HTML 4Page - Semtech Corporation E211ATF Datasheet HTML 5Page - Semtech Corporation E211ATF Datasheet HTML 6Page - Semtech Corporation E211ATF Datasheet HTML 7Page - Semtech Corporation E211ATF Datasheet HTML 8Page - Semtech Corporation E211ATF Datasheet HTML 9Page - Semtech Corporation E211ATF Datasheet HTML 10Page - Semtech Corporation E211ATF Datasheet HTML 11Page - Semtech Corporation E211ATF Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
2005 Semtech Corp., Rev. 6, 2/28/05
www .semtech.com
TEST AND MEASUREMENT PRODUCTS
Edge211
DC Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Programmable Driver Output Voltages
Driver Output Swing
VH, VL, VTT
VH – VL
VH – VTT
VTT – VLL
VEE
VEE – VCC
VEE – VCC
VEE – VCC
VCC
VCC – VEE
VCC – VEE
VCC – VEE
V
V
V
V
DC Driver Output Current
AC Driver Output Current
Iout DC
Iout AC
–50
–220
+50
+220
mA
mA
Output Impedance
VH (@ +3.0V) (Note 3)
VTT (@ +1.5V) (Note 3)
VL (@ 0.0V) (Note 3)
Rout – HI
Rout – VTT
Rout – LOW
21.6
22.3
22.3
23.6
24.3
24.3
25.6
26.3
26.3
DUT Pin Capacitance (Driver Off)
Cout
13
pF
High Impedance Leakage Current (Note 1)
Ileak
0
4
nA
VH / VL / VTT Offset Voltage (Note 2)
VOS
–100
+100
mV
VH / VL / VTT Gain and Linearity Error (Note 2)
–(.5% + 5)
+(.5% + 5)
mV
Power Supply
Positive Supply Current
Negative Supply Current
ICC
IEE
23
23
32
32
mA
mA
Total RMS Supply Current @ 80 MHz
AC + DC Positive Supply Current
AC + DC Negative Supply Current (Note 1)
70
70
mA
mA
Driver Characteristics
Digital Inputs
DATA, DVR EN*, VTT EN
Parameter
Symbol
Min
Typ
Max
Units
Input High Voltage
INPUT - INPUT*
800
mV
Input Low Voltage
INPUT* - INPUT
800
mV
Input Current
IIN
0
1.0
µA
Digital Input Voltage Range
INPUT, INPUT*
-2.0*
+5.0
V
Note 1: This parameter is guaranteed by design and characterization. Production testing is performed
against a
± 250 nA limit.
Note 2: No load conditions.
Note 3: Tester min / max limits set to Typ
± 2.0Ω. Tester repeatability = .8Ω.
* -2V or (VEE + 2.0V), whichever is more positive.


Similar Part No. - E211ATF

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E211 GILWAY-E211 Datasheet
85Kb / 2P
   T-1 3/4 Bi-Color LEDs (Very Bright)
logo
MicroPower Direct, LLC
E211 MPD-E211 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E211 CK-COMPONENTS-E211 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E211 CK-COMPONENTS-E211 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E211 CK-COMPONENTS-E211 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E211ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
E649BPJ SEMTECH-E649BPJ Datasheet
100Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE649 SEMTECH-EDGE649 Datasheet
150Kb / 16P
   Octal Pin Electronics Driver/Receiver
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
E7802 SEMTECH-E7802 Datasheet
574Kb / 22P
   Low Cost, Dual-Channel, 15V Pin Electronics Driver/Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com