Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDGE629 Datasheet(PDF) 9 Page - Semtech Corporation

Part # EDGE629
Description  1 GHz Timing Deskew and Quad Fanout Element
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE629 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button EDGE629 Datasheet HTML 5Page - Semtech Corporation EDGE629 Datasheet HTML 6Page - Semtech Corporation EDGE629 Datasheet HTML 7Page - Semtech Corporation EDGE629 Datasheet HTML 8Page - Semtech Corporation EDGE629 Datasheet HTML 9Page - Semtech Corporation EDGE629 Datasheet HTML 10Page - Semtech Corporation EDGE629 Datasheet HTML 11Page - Semtech Corporation EDGE629 Datasheet HTML 12Page - Semtech Corporation EDGE629 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
 2005 Semtech Corp. Rev. 3, 8/1/05
www.semtech.com
TEST AND MEASUREMENT PRODUCTS
Edge629
Circuit Description (continued)
Figure 7. Data Interface
Address
15 14 13 12 11 10
9876543210
A2
A3
LA
A1 A0
10
4
5
32
10
Fine Delay
MSB
SFD
LSB
10
4
5
32
1
6
0
Falling Edge Adjust
MSB
SFE
LSB
5
432
10
Coarse Delay
MSB
LSB
Channel 0
0
1
2
10
4
5
32
10
Fine Delay
MSB
SFD
LSB
10
4
5
32
1
6
0
Falling Edge Adjust
MSB
SFE
LSB
5
432
10
Coarse Delay
MSB
LSB
Channel 1
Channel 2
Channel 3
C
D
E
..
.
..
.
..
.
..
.
..
.
..
.
UPDATE
CS
CK
SDI


Similar Part No. - EDGE629

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE6420 SEMTECH-EDGE6420 Datasheet
241Kb / 29P
   Per-Pin Electronics Companion DAC
EDGE6435 SEMTECH-EDGE6435 Datasheet
281Kb / 40P
   Per-Pin Electronics Companion DAC
EDGE6436 SEMTECH-EDGE6436 Datasheet
281Kb / 40P
   Per-Pin Electronics Companion DAC
EDGE646 SEMTECH-EDGE646 Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results

Similar Description - EDGE629

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E142AHF SEMTECH-E142AHF Datasheet
179Kb / 19P
   Per Pin timing Deskew w 4x2 Cross Point Switch
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
   5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
   5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
logo
Diodes Incorporated
PI6C5913004-01 DIODES-PI6C5913004-01 Datasheet
1Mb / 12P
   3 GHz 1:4 LVPECL Fanout Buffer
Rev A October 2016
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com